Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308BVMPX Datasheet(PDF) 7 Page - ON Semiconductor

Part # FUSB308BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308BVMPX Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FUSB308BVMPX Datasheet HTML 3Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 4Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 5Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 6Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 7Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 8Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 9Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 10Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
FUSB308B
www.onsemi.com
7
I2C Idle Mode
Entering I2C Idle Mode
The FUSB308B does not need to enter I2C Idle Mode in
order to save power. Entering this mode has no effect on I2C
function. The FUSB308B can enter idle mode if 0xFF is
written to the COMMAND register. Once in Idle mode, the
FUSB308B will not set the PWRSTAT.TCPC_INIT to one.
Exiting I2C Idle Mode
The FUSB308B will exit I2C Idle mode when any I2C
communication is addressed to the slave. The
ALERTL.I_PRT_PWR interrupt will be set and no
PWRSTAT bits will be set.
The device’s I2C block is always on without power
penalties.
VCONN Control
The FUSB308B integrates a CCx to VCONN switch with
programmable OCP capability via the VCONN_OCP
register. If PWRCTRL.VCONN_PWR is set to 0, the
standard VCONN current limit is used (210.5 mA). If
PWRCTRL.VCONN_PWR is set to 1, the programmable
VCONN_OCP is used.
The VCONN switch can be enabled via the PWRCTRL
register bits EN_VCONN and TCPC_CTRL.ORIENT bits
(for CC1/2 selection).
A VCONN valid voltage is monitored and reported on
PWRSTAT.VCONN_VAL. The valid voltage threshold is
fixed at 2.4 V.
Type−C Manual Mode Detection
The CC pull up (Rp) or pull down (Rd) resistors and DRP
toggle are setup via the ROLECTRL register.If a TCPM
wishes to control Rp/Rd directly, it can write
ROLECTRL.DRP = 0b and the desired ROLECTRL bits
[3:0] (CC1/CC2).
The FUSB308B can autonomously toggle the Rp/Rd by
setting ROLECTRL.DRP = 1b and the starting value of
Rp/Rd in ROLECTRL.bits [3:0]. DRP toggling starts by
writing to the COMMAND register
If ROLECTRL.DRP = 1b, the only allowed values for
CC1/CC2 in ROLECTRL bits [3:0] are Rp/Rp or Rd/Rd.
When ROLECTRL bits 3:0 are set to Open and
ROLECTRL.DRP = 0b, the PHY and CC comparators are
powered down.
The FUSB308B updates the CCSTAT register on a
Connect, Disconnect, a change in ROLECTRL.DRP or a
change (tTCPCFilter debounced) on the CC1 or CC2 wire.
The TCPM reads CCSTAT upon detecting an interrupt
and seeing the ALERTL.I_CCSTAT = 1. The FUSB308B
indicates the DRP status, the DRP result, and the current CC
status in this register.
The FUSB308B will set CCSTAT.LOOK4CON = 0b
when it has stopped toggling as a DRP.
The TCPM reads the CCSTAT.LOOK4CON to determine
if the FUSB308B is toggling Rp/Rd when operating as a
DRP, it then reads CCSTAT.CON_RES to determine if the
FUSB308B is presenting an Rp or Rd and read the
CCSTAT.CC1_STAT
and
CCSTAT.CC2_STAT
to
determine the CC1 and CC2 states.
The FUSB308B debounces the CC lines for tTCPCfilter
before reporting the status on CCSTAT. The TCPM must
complete the debounce as defined in Type−C Specification.
BMC Power Delivery
The Type−C connector allows USB Power Delivery (PD)
to be communicated over the connected CC pin between two
ports. The communication method is the BMC Power
Delivery protocol and is used for many different reasons
with the Type−C connector. Possible uses are outlined
below.
• Negotiating and controlling charging power levels
• Alternative Interfaces such as MHL, Display Port
• Vendor specific interfaces for use with custom docks or
accessories
• Role swap for dual−role ports that want to switch who
is the host or device
• Communication with USB3.1 full featured cables
The FUSB308B integrates a thin BMC PD client which
includes the BMC physical layer and packet buffers which
allows packets to be sent and received by the host software
through I2C accesses.
Receive State Machine
The TCPM can setup the desired types of messages to be
received by the FUSB308B via the RXDETECT register.
This register defaults to 0x00 (Receiver disabled) upon
power up, reset, Hard Reset transmission and reception, and
upon detecting a cable disconnect. A message is not received
unless it is first enabled. Figure 6 shows the FUSB308B
receive state machine.
Upon a successfully transmitting GoodCRC, the
RXSTAT register is updated with the type of message
received and the TCPM is alerted via ALERTL.I_RXSTAT
bit (see transition from PRL_Rx_Send_GoodCRC to
PRL_Rx_Report_SOP* in Figure 6). The total number of
bytes in the receive buffer RXDATA is stored in
RXBYTECNT This number includes the header bytes that
are stored in RXHEADL and RXHEADH and the RXSTAT
register.
The RXBYTECNT, RXSTAT registers and the internal
receive buffer will be cleared after the ALERTL.I_RXSTAT
bit is cleared.
The FUSB308B will automatically transmit a GoodCRC
message for valid enabled messages within tTransmit.
A received message is valid when:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com