Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308BVMPX Datasheet(PDF) 17 Page - ON Semiconductor

Part # FUSB308BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308BVMPX Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FUSB308BVMPX Datasheet HTML 13Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 14Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 15Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 16Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 17Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 18Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 19Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 20Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
FUSB308B
www.onsemi.com
17
USB−PD Rev 3.0 Features
Extended Data Messages
Extended Data Messages is only supported via Chunking
where large messages are broken into 2 or more 26 byte
chunks.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Unit
VDDAMR
Supply Voltage from VDD
−0.5
6.0
V
VCC_HDDRP
(Note 6)
CC pins when configured as Host, Device or Dual Role Port
−0.5
6.0
V
VVBUS
VBUS Supply Voltage
−0.5
28.0
V
TSTORAGE
Storage Temperature Range
−65
+150
C
TJ
Maximum Junction Temperature
+150
C
TL
Lead Temperature (Soldering, 10 seconds)
+260
C
ESD
Human Body Model, JEDEC
JESD22−A114
Connector Pins (VBUS, CCx)
4
kV
Others
2
kV
Charged Device Model,
JEDEC LESD22−C101
All Pins
1
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
6. As host, device drives CC, VConn.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VBUS
VBUS Supply Voltage (Note 7)
4.0
5.0
21.5
V
VDD
VDD Supply Voltage
2.8 (Note 8)
3.3
5.5
V
VCONN
VCONN Supply Voltage (Note 9)
2.7
5.5
V
ICONN
VCONN Supply Current
560
mA
TA
Operating Temperature
−40
+85
C
TA
Operating Temperature (Note 10)
−40
+105
C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
7. 20 V PD + 5% Tolerance per spec + 0.5 V Load Transition.
8. This is for functional operation only and isn’t the lowest limit for all subsequent electrical specifications below. All electrical parameters have
a minimum of 3 V operation.
9. For powered accessories Vconn minimum is 2.7 V.
10.Automotive part only, FUSB308BVMPX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com