Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308BVMPX Datasheet(PDF) 18 Page - ON Semiconductor

Part # FUSB308BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308BVMPX Datasheet(HTML) 18 Page - ON Semiconductor

Back Button FUSB308BVMPX Datasheet HTML 14Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 15Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 16Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 17Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 18Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 19Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 20Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 21Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
FUSB308B
www.onsemi.com
18
DC and Transient Characteristics
Unless otherwise specified: Recommended TA and TJ temperature ranges. All typical values are at TA = 25°C and
VDD = 3.3 V unless otherwise specified.
CURRENT CONSUMPTION
Symbol
Parameter
TA = −40 to +855C
TA = −40 to +1055C (Note 15)
TJ = −40 to +1255C
Unit
Min
Typ
Max
IDISABLE
Disable Current (ROLECTRL = 0x0F)
10
μA
Unattached DRP or Source
7
20
μA
Attached as Source (No PD)
12
22
μA
BASEBAND PD
Symbol
Parameter
TA = −40 to +855C
TA = −40 to +1055C (Note 15)
TJ = −40 to +1255C
Unit
Min
Typ
Max
UI
Unit Interval
3.03
3.33
3.70
μs
TRANSMITTER
zDriver
TX output impedance at 750 kHz with an external 220 pF
or equivalent load
33
75
Ω
tEndDriveBMC
Time to cease driving the line after the end of the last bit of
the Frame
2
UI
tHoldLowBMC
Time to cease driving the line after the final high−to−low
transition
1
μs
tStartDrive
Time before the start of the first bit of the preamble when
the transmitter shall start driving the line
−1
1
μs
tBISTContMode
Time a BIST Carrier Mode 2 transmission is performed
30
60
ms
tBUFFER2CC
Time from I2C Stop from writing to TRANSMIT register to
first bit of Preamble transmitted
195
μs
tR
Rise Time
300
ns
tF
Fall Time
300
ns
RECEIVER
CReceiver (Note 11)
Receiver capacitance when driver isn’t turned on
25
pF
zBmcRx
Receiver Input Impedance
1
MΩ
tCC2BUFFER
Time between last bit of EOP to I_RXSTAT
50
μs
tRxFilter
Rx bandwidth limiting filter (Note 11)
100
ns
nTransitionCount
Transitions count in a time window of 20 μs max
3
Edges
tTransitionWindow
Time window for detecting non−idle
12
20
μs
11. Guaranteed by characterization and/or design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com