Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308BVMPX Datasheet(PDF) 41 Page - ON Semiconductor

Part # FUSB308BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308BVMPX Datasheet(HTML) 41 Page - ON Semiconductor

Back Button FUSB308BVMPX Datasheet HTML 37Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 38Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 39Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 40Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 41Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 42Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 43Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 44Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
FUSB308B
www.onsemi.com
41
Table 34. DEVCAP2L
Address: 26h
Reset Value: 0xD7
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Device Capabilities 2 L Description
7
SNK_DISC_DETECT
R
1
0b: VBUS_SNK_DISCL not implemented
1b: VBUS_SNK_DISCL implemented
6
STOP_DSICH
R
1
0b: VBUS_STOP_DISCL not implemented
1b: VBUS_STOP_DISCL implemented
5:4
VBUS_ALRM_LSB
R
2
VBUS Voltage Alarm LSB Support
01b: Voltage Alarm Supports 50 mV LSB
Bit 0 of VALARMHCFGL and VALARMLCFGL are ignored
3:1
VCONN_POWER_CAP
R
3
VCONN Power Supported
000b: 1.0 W
001b: 1.5 W
010b: 2.0 W
011b: 3 W (at VCONN = 5.5 V)
100b: 4 W
101b: W
110b: 6 W
111b: External
0
VCONN_FAULT_CAP
R
1
VCONN OCP Fault Capable
110b: FUSB308B is not capable of detecting a VCONN fault
1b: FUSB308B is capable of detecting a VCONN fault
Table 35. DEVCAP2H
Address: 27h
Reset Value: 0x01
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Device Capabilities 2 H Description
7:1
Reserved
R
7
Reserved: 000_0000b
0
Watchdog Timer
R
1
1b: Watchdog Timer Implemented
Table 36. STD_OUT_CAP
Address: 29h
Reset Value: FUSB308B: 0x05
Type: Read
Bit #
Name
R/W/C
Size (Bits)
Standard Outputs Capabilities Description
7
Reserved
R
1
Reserved: 00b
6
DEBUG_ACC
R
1
0b: Debug Accessory Indicator Not Present
1b: Debug Accessory Indicator Present
5
VBUS_MON
R
1
0b: VBUS Present Monitor Not Present
4
AUDIO_ACC
R
1
0b: Audio Adapter Accessory Indicator Not Present
3
ACTIVE_CABLE
R
1
0b: Active Cable Indicator not Present
2
MUX_CTRL
R
1
0b: Mux Control Not Present
1b: Mux Control Present
1
CON_PRESENT
R
1
0b: Connection Present indicator not implemented
0
ORIENT
R
1
1b: Connector Orientation Present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com