Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308BVMPX Datasheet(PDF) 23 Page - ON Semiconductor

Part # FUSB308BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308BVMPX Datasheet(HTML) 23 Page - ON Semiconductor

Back Button FUSB308BVMPX Datasheet HTML 19Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 20Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 21Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 22Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 23Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 24Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 25Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 26Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
FUSB308B
www.onsemi.com
23
IO SPECIFICATIONS (continued)
TA = −40 to +855C
TA = −40 to +1055C (Note 15)
TJ= −40 to +1255C
Symbol
Unit
Max
Typ
Min
Conditions
VDD (V)
Parameter
SRC, SNK AND SRC_HV
VOH
High−Level Output
Voltage
3.0 to 5.5
IOH = −2 mA
0.7VDD
V
I2C INTERFACE PINS – STANDARD, FAST OR FAST MODE PLUS SPEED MODE SDA, SCL) (Note 13)
VDDEXT
External power supply to
which SDA and SCL are
pulled up
1.8
3.6
V
VILI2C
Low−Level Input Voltage
3.0 to 5.5
0.4
V
VIHI2C
High−Level Input
Voltage
3.0 to 5.5
1.2
V
VHYS
Hysteresis of Schmitt
Trigger Inputs
3.0 to 5.5
0.2
V
Ii2C
Input Current of SDA
and SCL Pins,
3.0 to 5.5
Input Voltage 0.26 V to 2 V
−10
10
μA
ICCTI2C
VDD current when SDA
or SCL is HIGH
3.0 to 5.5
Input Voltage 1.8 V
−10
10
μA
VOLSDA
Low−Level Output
Voltage at 2 mA Sink
Current (Open−Drain)
3.0 to 5.5
0
0.36
V
IOLSDA
Low−Level Output
Current (Open−Drain)
3.0 to 5.5
VOLSDA = 0.4 V
20
mA
CI (Note 14)
Capacitance for Each
I/O Pin
3.0 to 5.5
5
pF
13.I2C pull up voltage is required to be between 1.71 V and VDD.
FAST MODE PLUS I2C SPECIFICATIONS
Symbol
Parameter
Fast Mode Plus
Min.
Max.
Unit
fSCL
I2C_SCL Clock Frequency
0
1000
kHz
tHD;STA
Hold Time (Repeated) START Condition
0.26
μs
tLOW
Low Period of I2C_SCL Clock
0.5
μs
tHIGH
High Period of I2C_SCL Clock
0.26
μs
tSU;STA
Set−up Time for Repeated START Condition
0.26
μs
tHD;DAT
Data Hold Time
0
μs
tSU;DAT
Data Set−up Time
50
ns
tr
Rise Time of I2C_SDA and I2C_SCL Signals (Note 14)
20 × (VDD/5.5 V)
120
ns
Tf (Note 14)
Fall Time of I2C_SDA and I2C_SCL Signals (Note 14)
20 × (VDD/5.5 V)
120
ns
tSU;STO
Set−up Time for STOP Condition
0.26
μs
tBUF
Bus−Free Time between STOP and START Conditions
(Note 14)
0.5
μs
tSP
Pulse Width of Spikes that Must Be Suppressed by the Input
Filter
0
50
ns
14.Guaranteed by characterization. Not production tested.
15.Automotive part only, FUSB308BVMPX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com