Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB308BVMPX Datasheet(PDF) 34 Page - ON Semiconductor

Part # FUSB308BVMPX
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308BVMPX Datasheet(HTML) 34 Page - ON Semiconductor

Back Button FUSB308BVMPX Datasheet HTML 30Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 31Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 32Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 33Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 34Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 35Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 36Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 37Page - ON Semiconductor FUSB308BVMPX Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
FUSB308B
www.onsemi.com
34
Table 24. TCPC_CTRL
Address: 19h
Reset Value: 0x00 (POR, and SW_RST)
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
TCPC Control Register
7:4
Reserved
R
2
Reserved: 00b
5
EN_WATCHDOG
R/W
1
0b: Watchdog Monitoring is disabled (default)
1b: Watchdog Monitoring is enabled
4
Reserved
R/W
1
Reserved: 0b
3:2
I2C_CLK_STRETCH
R
2
00b: I2C clock stretching is disabled. Writing to these register
bits will be ignored.
1
BIST_TMODE
R/W
1
BIST Test Data Receive Enable
0b: Normal Operation. Incoming messages are stored and
passed to host
1b: BIST Test Mode. Receive buffer is cleared immediately after
GoodCRC response.
0
ORIENT
R/W
1
Plug Orientation
0b: When Vconn is enabled, apply it to the CC2 pin. Monitor the
CC1 pin for BMC communications if PD messaging is enabled.
1b: When Vconn is enabled, apply it to the CC1 pin. Monitor the CC2
pin for BMC communications if PD messaging is enabled.
Table 25. ROLECTRL
Address: 1Ah
Reset Value (Note 19) 0x0F for FUSB308 without VDD and 0x05 with VDD
Type: Read/Write
Bit #
Name
R/W/C
Size (Bits)
Role Control Description
7
Reserved
R
1
Reserved: 0b
6
DRP
(Note 19, 20)
R/W
1
0b: No DRP. Bits B3..0 determine Rp/Rd/Ra settings
1b: DRP
5:4
RP_VAL
R/W
2
00b: Rp default
01b: Rp 1.5 A
10b: Rp 3.0 A
11b: Reserved
3:2
CC2_TERM
(Note 21, 22)
R/W
2
00b: Ra
01b: Rp (Use Rp definition in B5..4)
10b: Rd
11b: Open (Disconnect or don’t care)
1:0
CC1_TERM
(Note 21, 22)
R/W
2
00b: Ra
01b: Rp (Use Rp definition in B5..4)
10b: Rd
11b: Open (Disconnect or don’t care)
18.Reset values are loaded on either VBUS or VDD power up.
19.Rp value is defined in B5..4 when performing the DRP toggling as well as when a connection is resolved.
20.The FUSB308B toggles CC1 & CC2 after receiving a.LOOK4CON and until a connection is detected. Upon connection, the FUSB308B
resolves to either an Rp or Rd and report the CC1/CC2 State in the CCSTAT register. The FUSB308B will continue to present the resolved
Rd or Rp regardless of any changes voltage on the CC wires.
21.When CCx_TERM bits are set to Open and DRP = 0, the PHY and CC comparators will power down.
22.If DRP = 1,.LOOK4CON starts toggling with the value set in CC1_TERM/CC2_TERM. If CC1_TERM/CC2_TERM is different than Rp/Rp
or Rd/Rd, the COMMAND will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com