Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F420 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M28F420
Description  4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F420 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M28F420 Datasheet HTML 3Page - STMicroelectronics M28F420 Datasheet HTML 4Page - STMicroelectronics M28F420 Datasheet HTML 5Page - STMicroelectronics M28F420 Datasheet HTML 6Page - STMicroelectronics M28F420 Datasheet HTML 7Page - STMicroelectronics M28F420 Datasheet HTML 8Page - STMicroelectronics M28F420 Datasheet HTML 9Page - STMicroelectronics M28F420 Datasheet HTML 10Page - STMicroelectronics M28F420 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±1
μA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±10
μA
ICC
(1, 3)
Supply Current (Read Byte-wide) TTL
E = VIL, f = 10MHz, IOUT = 0mA
50
mA
ICC
(1, 3)
Supply Current (Read Word-wide) TTL
E = VIL, f = 10MHz, IOUT = 0mA
55
mA
ICC
(1, 3)
Supply Current (Read Byte-wide) CMOS
E = VSS, f = 10MHz, IOUT = 0mA
45
mA
Supply Current (Read Word-wide)
CMOS
E= VSS, f = 10MHz, IOUT = 0mA
50
mA
ICC1
(3)
Supply Current (Standby) TTL
E = VIH,RP = VIH
3mA
Supply Current (Standby) CMOS
E=VCC
± 0.2V,
RP = VCC
± 0.2V,
BYTE = VCC
± 0.2V or VSS
100
μA
ICC2
(3)
Supply Current (Power Down)
RP = VSS
± 0.2V
5
μA
ICC3
Supply Current (Program Byte-wide)
Byte program in progress
50
mA
Supply Current (Program Word-wide)
Word program in progress
60
mA
ICC4
Supply Current (Erase)
Erase in progress
30
mA
ICC5
(2)
Supply Current (Erase Suspend)
E = VIH, Erase suspended
10
mA
IPP
Program Current (Read or Standby)
VPP >VCC
200
μA
IPP1
Program Leakage Current (Read or
Standby)
VPP
≤ VCC
±10
μA
IPP2
Program Current (Power Down)
RP = VSS
± 0.2V
5
μA
IPP3
Program Current (Program Byte-wide)
Byte program in progress
30
mA
IPP3
Program Current (Program Word-wide)
Word program in progress
40
mA
IPP4
Program Current (Erase)
Erase in progress
30
mA
IPP5
Program Current (Erase Suspend)
Erase suspended
200
μA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2
VCC + 0.5
V
VOL
Output Low Voltage
IOL = 5.8mA
0.45
V
VOH
Output High Voltage
IOH = –2.5mA
2.4
V
VPPL
Program Voltage (Normal operation)
0
6.5
V
VPPH
Program Voltage (Program or Erase
operations)
11.4
12.6
V
VID
A9 Voltage (Electronic Signature)
11.4
13
V
IID
A9 Current (Electronic Signature)
A9 = VID
500
μA
VLKO
Supply Voltage (Erase and Program
lock-out)
2V
VHH
Input Voltage (RP, Boot unlock)
Boot block Program or Erase
11.4
13
V
Notes: 1. Automatic Power Saving reduces ICC to
≤ 8mA typical in static operation.
2. Current increases to ICC +ICC5 during a read operation.
3. CMOS levels VCC
± 0.2V and VSS ± 0.2V. TTL levels VIH and VIL.
Table 10. DC Characteristics
(TA = 0 to 70
°C; VCC =5V±10% or 5V±5% ; VPP = 12V±5%)
7/38
M28F410, M28F420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com