Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F420 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M28F420
Description  4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F420 Datasheet(HTML) 1 Page - STMicroelectronics

  M28F420 Datasheet HTML 1Page - STMicroelectronics M28F420 Datasheet HTML 2Page - STMicroelectronics M28F420 Datasheet HTML 3Page - STMicroelectronics M28F420 Datasheet HTML 4Page - STMicroelectronics M28F420 Datasheet HTML 5Page - STMicroelectronics M28F420 Datasheet HTML 6Page - STMicroelectronics M28F420 Datasheet HTML 7Page - STMicroelectronics M28F420 Datasheet HTML 8Page - STMicroelectronics M28F420 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
AI01130C
18
A0-A17
W
DQ0-DQ14
VPP
VCC
M28F410
M28F420
G
E
VSS
15
RP
BYTE
DQ15A-1
Figure 1. Logic Diagram
March 1995
M28F410
M28F420
4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
PRELIMINARY DATA
DUAL x8 and x16 ORGANIZATION
SMALL SIZE PLASTIC PACKAGES TSOP56
and SO44
MEMORY ERASE in BLOCKS
– One 16K Byte or 8K Word Boot Block (top or
bottom location) with hardware write and
erase protection
– Two 8K Byte or 4K Word Key Parameter
Blocks
– One 96K Byte or 48K Word Main Block
– Three 128K Byte or 64K Word Main Blocks
5V
± 10% SUPPLY VOLTAGE
12V
± 5% PROGRAMMING VOLTAGE
100,000 PROGRAM/ERASE CYCLES
PROGRAM/ERASE CONTROLLER
AUTOMATIC STATIC MODE
LOW POWER CONSUMPTION
–60
μA Typical in Standby
– 0.2
μA Typical in Deep Power Down
– 20/25mA Typical Operating Consumption
(Byte/Word)
HIGH SPEED ACCESS TIME: 70ns
EXTENDED TEMPERATURE RANGES
A0-A17
Address Inputs
DQ0-DQ7
Data Input / Outputs
DQ8-
DQ14
Data Input / Outputs
DQ15A-1
Data Input/Output or Address Input
E
Chip Enable
G
Output Enable
W
Write Enable
BYTE
Byte/Word Organization
RP
Reset/Power Down/Boot Block Unlock
VPP
Program & Erase Supply Voltage
VCC
Supply Voltage
Table 1. Signal Names
This is preliminary infor mationon a new product now in developmen t or undergoing evaluation. Details are subject to change without notice.
44
1
SO44 (M)
TSOP56 (N)
14 x 20mm
1/38


Similar Part No. - M28F420

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
M28F YFWDIODE-M28F Datasheet
427Kb / 3P
2A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Intel Corporation
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Rochester Electronics
M28F008 ROCHESTER-M28F008 Datasheet
1Mb / 14P
8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
logo
Intel Corporation
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
1024K (128K x 8) CMOS FLASH MEMORY
logo
STMicroelectronics
M28F101 STMICROELECTRONICS-M28F101 Datasheet
197Kb / 23P
1 Mb 128K x 8, Chip Erase FLASH MEMORY
Apr-1997
More results

Similar Description - M28F420

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F400BT STMICROELECTRONICS-M29F400BT Datasheet
208Kb / 22P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
28-Jul-2000
M29F400T STMICROELECTRONICS-M29F400T Datasheet
231Kb / 34P
4 Mbit 512Kb x8 or 256Kb x16, Boot Block Single Supply Flash Memory
Nov-1999
M29W400DT STMICROELECTRONICS-M29W400DT Datasheet
291Kb / 38P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory
08-Jun-2004
logo
Sharp Corporation
LH28F160BJE-TTL90 SHARP-LH28F160BJE-TTL90 Datasheet
534Kb / 46P
16M (x8/x16) Flash Memory
logo
STMicroelectronics
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
12-Dec-2006
logo
Sharp Corporation
LH28F160BHE-TTL90 SHARP-LH28F160BHE-TTL90 Datasheet
672Kb / 46P
16M (x8/x16) Flash Memory
LH28F800BJHE-PTTL90 SHARP-LH28F800BJHE-PTTL90 Datasheet
678Kb / 47P
8M (x8/x16) Flash Memory
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
8M (x8/x16) Flash Memory
LH28F800BJB-PTTL90 SHARP-LH28F800BJB-PTTL90 Datasheet
683Kb / 47P
8M (x8/x16) Flash Memory
LH28F800BJHB-43 SHARP-LH28F800BJHB-43 Datasheet
680Kb / 47P
8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com