Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F420 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M28F420
Description  4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F420 Datasheet(HTML) 3 Page - STMicroelectronics

  M28F420 Datasheet HTML 1Page - STMicroelectronics M28F420 Datasheet HTML 2Page - STMicroelectronics M28F420 Datasheet HTML 3Page - STMicroelectronics M28F420 Datasheet HTML 4Page - STMicroelectronics M28F420 Datasheet HTML 5Page - STMicroelectronics M28F420 Datasheet HTML 6Page - STMicroelectronics M28F420 Datasheet HTML 7Page - STMicroelectronics M28F420 Datasheet HTML 8Page - STMicroelectronics M28F420 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Operation
E
G
W
RP
BYTE
DQ0 - DQ7
DQ8 - DQ14
DQ15A-1
Read Word
VIL
VIL
VIH
VIH
VIH
Data Output
Data Output
Data Output
Read Byte
VIL
VIL
VIH
VIH
VIL
Data Output
Hi-Z
Address Input
Write Word
VIL
VIH
VIL
VIH
VIH
Data Input
Data Input
Data Input
Write Byte
VIL
VIH
VIL
VIH
VIL
Data Input
Hi-Z
Address Input
Output Disable
VIL
VIH
VIH
VIH
X
Hi-Z
Hi-Z
Hi-Z
Standby
VIH
XX
VIH
X
Hi-Z
Hi-Z
Hi-Z
Power Down
X
X
X
VIL
X
Hi-Z
Hi-Z
Hi-Z
Note: X= VIL or VIH,VPP =VPPL or VPPH
Table 3. Operations
DESCRIPTION
The M28F410 and M28F420 FLASH MEMORIES
are non-volatile memories that may be erased
electrically at the block level and programmed by
byte or word. The interface is directly compatible
with most microprocessors. SO44 and TSOP56
packages are used.
Organization
The organization, as 512K x 8 or 256K x 16, is
selectable by an external BYTE signal. When
BYTE is Low and the x8 organization is selected,
the Data Input/Outputsignal DQ15 acts as Address
line A-1 and selects the lower or upper byte of the
memory word for output on DQ0-DQ7, DQ8-DQ14
remain high impedance. When BYTE is High the
memory uses the Address inputs A0-A17 and the
Data Input/OutputsDQ0-DQ15. Memory control is
provided by Chip Enable, Output Enable and Write
Enable inputs. A Reset/Power Down/Boot block
unlock, tri-level input, places the memory in deep
power down, normal operation or enables pro-
gramming and erasure of the Boot block.
Organi-
sation
Code
Device
E
G
W
BYTE
A0
A9
A1-A8 &
A10-A17
DQ0 -
DQ7
DQ8 -
DQ14
DQ15
A-1
Word-
wide
Manufact.
Code
VIL
VIL
VIH
VIH
VIL
VID
Don’t
Care
20h
00h
0
Device
Code
M28F410
VIL
VIL
VIH
VIH
VIH
VID
Don’t
Care
0F2h
00h
0
M28F420
VIL
VIL
VIH
VIH
VIH
VID
Don’t
Care
0FAh
00h
0
Byte-
wide
Manufact.
Code
VIL
VIL
VIH
VIL
VIL
VID
Don’t
Care
20h
Hi-Z
Don’t
Care
Device
Code
M28F410
VIL
VIL
VIH
VIL
VIH
VID
Don’t
Care
0F2h
Hi-Z
Don’t
Care
M28F420
VIL
VIL
VIH
VIL
VIH
VID
Don’t
Care
0FAh
Hi-Z
Don’t
Care
Note: RP = VIH
Table 4. Electronic Signature
3/38
M28F410, M28F420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com