Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F420 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M28F420
Description  4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F420 Datasheet(HTML) 5 Page - STMicroelectronics

  M28F420 Datasheet HTML 1Page - STMicroelectronics M28F420 Datasheet HTML 2Page - STMicroelectronics M28F420 Datasheet HTML 3Page - STMicroelectronics M28F420 Datasheet HTML 4Page - STMicroelectronics M28F420 Datasheet HTML 5Page - STMicroelectronics M28F420 Datasheet HTML 6Page - STMicroelectronics M28F420 Datasheet HTML 7Page - STMicroelectronics M28F420 Datasheet HTML 8Page - STMicroelectronics M28F420 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Mne-
monic
Bit
Name
Logic
Level
Definition
Note
P/ECS
7
P/E.C. Status
’1’
Ready
Indicates the P/E.C. status, check during Program
or Erase, and on completion before checking bits
b4 or b5 for Program or Erase Success
’0’
Busy
ESS
6
Erase
Suspend
Status
’1’
Suspended
On an Erase Suspend instruction P/ECS and
ESS bits are set to ’1’. ESS bit remains ’1’ until an
Erase Resume instruction is given.
’0’
In progress or
Completed
ES
5
Erase Status
’1’
Erase Error
ES bit is set to ’1’ if P/E.C. has applied the
maximum number of erase pulses to the block
without achieving an erase verify.
’0’
Erase Success
PS
4
Program
Status
’1’
Program Error
PS bit set to ’1’ if the P/E.C. has failed to program
a byte or word.
’0’
Program
Success
VPPS
3
VPP Status
’1’
VPP Low, Abort
VPPS bit is set if the VPP voltage is below
VPPH(min) when a Program or Erase instruction
has been executed.
’0’
VPP OK
2
Reserved
1
Reserved
0
Reserved
Notes: Logic level ’1’ is High, ’0’ is Low.
Table 7. Status Register
is first applied, on exit from power down or if VCC
falls below VLKO, the command interface is reset to
Read Memory Array.
Instructions and Commands
Eight Instructions are defined to perform Read
Memory Array, Read Status Register, Read Elec-
tronic Signature, Erase, Program, Clear Status
Register, Erase Suspend and Erase Resume. An
internal Program/EraseController (P/E.C.) handles
all timing and verification of the Program and Erase
instructions and provides status bits to indicate its
operation and exit status. Instructions are com-
posed of a first command write operation followed
by either second command write, to confirm the
commands for programming or erase, or a read
operation to read data from the array, the Electronic
Signature or the Status Register.
For added data protection, the instructions for byte
or word program and block erase consist of two
commands that are written to the memory and
which start the automatic P/E.C. operation. Byte or
word programming takes typically 9
μs, block erase
typically 1 second. Erasure of a memory block may
be suspended in order to read data from another
block and then resumed. A Status Register may be
read at any time, including during the programming
or erase cycles, to monitor the progress of the
operation.
Power Saving
The M28F410 and M28F420 have a number of
power saving features. A CMOS standby mode is
entered when the Chip Enable E and the Re-
set/Power Down (RP) signals are at VCC, when the
supply current drops to typically 60
μA. A deep
power down mode is enabled when the Re-
set/Power Down (RP) signal is at VSS, when the
supply current drops to typically 0.2
μA. The time
required to awake from the deep power down mode
is 300ns maximum, with instructions to the C.I.
recognised after only 210ns.
5/38
M28F410, M28F420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com