Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F420 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M28F420
Description  4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F420 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M28F420 Datasheet HTML 9Page - STMicroelectronics M28F420 Datasheet HTML 10Page - STMicroelectronics M28F420 Datasheet HTML 11Page - STMicroelectronics M28F420 Datasheet HTML 12Page - STMicroelectronics M28F420 Datasheet HTML 13Page - STMicroelectronics M28F420 Datasheet HTML 14Page - STMicroelectronics M28F420 Datasheet HTML 15Page - STMicroelectronics M28F420 Datasheet HTML 16Page - STMicroelectronics M28F420 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Symbol
Parameter
M28F410 / 20
Unit
-70
-80
-100
-120
VCC =5V
± 5%
VCC =5V
± 10%
VCC =5V
± 10%
VCC =5V
± 10%
SRAM
Interface
EPROM
Interface
EPROM
Interface
EPROM
Interface
Min
Max
Min
Max
Min
Max
Min
Max
tELBL
Chip Enable Low
to BYTE Low
5
555
ns
tELBH
Chip Enable Low
to BYTE High
5
555
ns
tBLQV
(2)
BYTE Low to
Output Valid
70
80
100
120
ns
tBHQV
BYTE High to
Output Valid
70
80
100
120
ns
tBLQZ
BYTE Low to
Output Hi-Z
25
30
35
35
ns
Notes: 1. Sampled only, not 100% tested.
2. It is equal to tAVQV when measured from DQ15A-1 valid.
Table 15. BYTE AC Characteristics (1)
(TA = 0 to 70
°C or –40 to 85°C; VPP = 12V ± 5%)
Symbol
Parameter
M28F410 / 20
Unit
-80
-90
-100
-120
VCC =5V
± 5%
VCC =5V
± 10%
VCC =5V
± 10%
VCC =5V
± 10%
SRAM
Interface
EPROM
Interface
EPROM
Interface
EPROM
Interface
Min
Max
Min
Max
Min
Max
Min
Max
tELBL
Chip Enable Low
to BYTE Low
5
555
ns
tELBH
Chip Enable Low
to BYTE High
5
555
ns
tBLQV
(2)
BYTE Low to
Output Valid
80
90
100
120
ns
tBHQV
BYTE High to
Output Valid
80
90
100
120
ns
tBLQZ
BYTE Low to
Output Hi-Z
30
35
40
45
ns
Notes: 1. Sampled only, not 100% tested.
2. It is equal to tAVQV when measured from DQ15A-1 valid.
Table 16. BYTE AC Characteristics (1)
(TA = –40 to 125
°C; VPP = 12V ± 5%)
13/38
M28F410, M28F420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com