Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F420 Datasheet(PDF) 31 Page - STMicroelectronics

Part # M28F420
Description  4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F420 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M28F420 Datasheet HTML 27Page - STMicroelectronics M28F420 Datasheet HTML 28Page - STMicroelectronics M28F420 Datasheet HTML 29Page - STMicroelectronics M28F420 Datasheet HTML 30Page - STMicroelectronics M28F420 Datasheet HTML 31Page - STMicroelectronics M28F420 Datasheet HTML 32Page - STMicroelectronics M28F420 Datasheet HTML 33Page - STMicroelectronics M28F420 Datasheet HTML 34Page - STMicroelectronics M28F420 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Write 20h
Command
AI01279
Start
Write Block Address
& 0D0h Command
Read Status
Register
YES
NO
b7=1
YES
NO
b3=0
YES
NO
b4, b5 = 1
End
VPP Low
Error (1)
Command
Sequence Error
EE instruction:
– write 20h command
– write Block Address
(A12-A17) & command 0D0h
(memory enters read status
state after the EE instruction)
do:
– read status register
(E or G must be toggled)
if EE instruction given execute
suspend erase loop
while b7 = 1
If b3 = 0, VPP low error:
– error handler
If b4, b5 = 0, Command Sequence error:
– error handler
YES
NO
b5=0
Erase
Error (1)
YES
NO
Suspend
Suspend
Loop
If b5 = 0, Erase error:
– error handler
Figure 12. Erase Flow-chart and Pseudo Code
Note: 1. If VPP Low or Erase Error is found, the Status Register must be cleared (CLRS instruction) before further P/E.C. operations.
31/38
M28F410, M28F420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com