Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F420 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M28F420
Description  4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F420 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M28F420 Datasheet HTML 21Page - STMicroelectronics M28F420 Datasheet HTML 22Page - STMicroelectronics M28F420 Datasheet HTML 23Page - STMicroelectronics M28F420 Datasheet HTML 24Page - STMicroelectronics M28F420 Datasheet HTML 25Page - STMicroelectronics M28F420 Datasheet HTML 26Page - STMicroelectronics M28F420 Datasheet HTML 27Page - STMicroelectronics M28F420 Datasheet HTML 28Page - STMicroelectronics M28F420 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
Parameter
Test Conditions
M28F410 / 420
Unit
Min
Typ
Max
Main Block Program (Byte)
VPP = 12V
±5%
1.2
4.2
sec
Main Block Program (Word)
VPP = 12V
±5%
0.6
2.1
sec
Boot or Parameter Block Erase
VPP = 12V
±5%
1
7
sec
Main Block Erase
VPP = 12V
±5%
2.4
14
sec
Table 21. Word/Byte Program, Erase Times
(TA = 0 to 70
°C; VCC =5V ± 10% or 5V ± 5%)
E Chip Enable. The Chip Enable activates the
memory control logic, input buffers, decoders and
sense amplifiers. E High de-selects the memory
and reduces the power consumption to the standby
level. E can also be used to control writing to the
command register and to the memory array, while
W remains at a low level. Both addresses and data
inputs are then latched on the rising edge of E.
RP Reset/Power Down. This is a tri-level input
which locks the Boot Block from programming and
erasure, and allows the memory to be put in deep
power down.
When RP is High (up to 6.5V maximum) the Boot
Block is locked and cannot be programmed or
erased. When RP is above 11.4V the Boot Block is
unlocked for programming or erasure. With RP Low
the memory is in deep power down, and if RP is
within VSS+0.2V the lowest supply current is ab-
sorbed.
G Output Enable. The Output Enable gates the
outputs through the data buffers during a read
operation.
W Write Enable. It controls writing to the Com-
mand Reg ister and Input Address and Data
latches. Both Addresses and Data Input s are
latched on the rising edge of W.
BYTE Byte/Word Organization Select. This input
selects either byte-wide or word-wide organization
of the memory. When BYTE is Low the memory is
organized x8 or byte-wide and data input/output
uses DQ0-DQ7 while A-1 acts as the additional,
LSB, of the memory address that multiplexes the
upper or lower byte. In the byte-wide organization
DQ8-DQ14 are high impedance. When BYTE is
High the memory is organized x16 and data in-
put/output uses DQ0-DQ15 with the memory ad-
dressed by A0-A17.
VPP Program Supply Voltage. This supply voltage
is used for memory Programming and Erase.
VPP
±10% tolerance option is provided for applica-
tion requiring maximum 100 write and erase cycles.
VCC Supply Voltage. It is the main circuit supply.
VSS Ground. It is the reference for all voltage
measurements.
DEVICE OPERATION (cont’d)
Parameter
Test Conditions
M28F410 / 420
Unit
Min
Typ
Max
Main Block Program (Byte)
VPP = 12V
±5%
1.4
5
sec
Main Block Program (Word)
VPP = 12V
±5%
0.7
2.5
sec
Boot or Parameter Block Erase
VPP = 12V
±5%
1.5
10.5
sec
Main Block Erase
VPP = 12V
±5%
3
18
sec
Table 22. Word/Byte Program, Erase Times
(TA = –40 to 85
°C or –40 to 125°C; VCC =5V ± 10% or 5V ± 5%)
25/38
M28F410, M28F420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com