Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28F420 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M28F420
Description  4 Megabit (x8 or x16, Block Erase) FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28F420 Datasheet(HTML) 4 Page - STMicroelectronics

  M28F420 Datasheet HTML 1Page - STMicroelectronics M28F420 Datasheet HTML 2Page - STMicroelectronics M28F420 Datasheet HTML 3Page - STMicroelectronics M28F420 Datasheet HTML 4Page - STMicroelectronics M28F420 Datasheet HTML 5Page - STMicroelectronics M28F420 Datasheet HTML 6Page - STMicroelectronics M28F420 Datasheet HTML 7Page - STMicroelectronics M28F420 Datasheet HTML 8Page - STMicroelectronics M28F420 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Mne-
monic
Instruction
Cycles
1st Cycle
2nd Cycle
Operation
Address
(1)
Data
(4 )
Operation
Address
Data
RD
Read
Memory
Array
1+
Write
X
0FFh
Read
(2)
Read
Address
Data
RSR
Read
Status
Register
1+
Write
X
70h
Read
(2)
X
Status
Register
RSIG
Read
Electronic
Signature
3
Write
X
90h
Read
(2)
Signature
Adress
(3)
Signature
EE
Erase
2
Write
X
20h
Write
Block
Address
0D0h
PG
Program
2
Write
X
40h or 10h
Write
Address
Data Input
CLRS
Clear
Status
Register
1
Write
X
50h
ES
Erase
Suspend
1
Write
X
0B0h
ER
Erase
Resume
1
Write
X
0D0h
Notes: 1. X = Don’t Care.
2. The first cycle of the RD, RSR or RSIG instruction is followed by read operations to read memory array, Status Register
or Electronic Signature codes. Any number of Read cycle can occur after one command cycle.
3. Signature address bit A0=VIL will output Manufacturer code. Address bit A0=VIH will output Device code. Other address bits are
ignored.
4. When word organization is used, upper byte is don’t care for command input.
Table 5. Instructions
Hex Code
Command
00h
Invalid/Reserved
10h
Alternative Program Set-up
20h
Erase Set-up
40h
Program Set-up
50h
Clear Status Register
70h
Read Status Register
90h
Read Electronic Signature
0B0h
Erase Suspend
0D0h
Erase Resume/Erase Confirm
0FFh
Read Array
Table 6. Commands
Blocks
Erasure of the memories is in blocks. There are 7
blocks in the memory address space, one Boot
Block of 16K Bytes or 8K Words, two ’Key Parame-
ter Blocks’ of 8K Bytes or 4K Words, one ’Main
Block’ of 96K Bytes or 48K Words, and three ’Main
Blocks’ of 128KBytes or 64K Words. The M28F410
memory has the Boot Block at the top of the mem-
ory address space (3FFFFh) and the M28F420
locates the Boot Block starting at the bottom
(00000h). Erasure of each block takes typically 1
second and each block can be programmed and
erased over 100,000 cycles.
The Boot Block is hardware protected from acci-
dental programming or erasure depending on the
RP signal. Program/Erase commands in the Boot
Block are executed only when RP is at 12V. Block
erasure may be suspended while data is read from
other blocks of the memory, then resumed.
Bus Operations
Six operationscan be performed by the appropriate
bus cycles, Read Byte or Word from the Array,
Read Electronic Signature, Output Disable,
Standby, Power Down and Write the Command of
an Instruction.
Command Interface
Commands can be written to a Command Interface
(C.I.) latch to perform read, programming, erasure
and to monitor the memory’s status. When power
4/38
M28F410, M28F420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com