Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX2 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP47FVBX2
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX2 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP47FVBX2 Datasheet HTML 24Page - Microchip Technology MCP47FVBX2 Datasheet HTML 25Page - Microchip Technology MCP47FVBX2 Datasheet HTML 26Page - Microchip Technology MCP47FVBX2 Datasheet HTML 27Page - Microchip Technology MCP47FVBX2 Datasheet HTML 28Page - Microchip Technology MCP47FVBX2 Datasheet HTML 29Page - Microchip Technology MCP47FVBX2 Datasheet HTML 30Page - Microchip Technology MCP47FVBX2 Datasheet HTML 31Page - Microchip Technology MCP47FVBX2 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
MCP47FVBXX
DS20005405A-page 28
 2015 Microchip Technology Inc.
3.1
Positive Power Supply Input (VDD)
VDD is the positive supply voltage input pin. The input
supply voltage is relative to VSS.
The power supply at the VDD pin should be as clean as
possible for a good DAC performance. It is
recommended to use an appropriate bypass capacitor
of about 0.1 µF (ceramic) to ground. An additional
10 µF capacitor (tantalum) in parallel is also
recommended to further attenuate noise present in
application boards.
3.2
Voltage Reference Pin (VREF)
The VREF pin is either an input or an output. When the
DAC’s voltage reference is configured as the VREF pin,
the pin is an input. When the DAC’s voltage reference is
configured as the internal band gap, the pin is an output.
When the DAC’s voltage reference is configured as the
VREF pin, there are two options for this voltage input:
VREF pin voltage buffered or unbuffered. The buffered
option is offered in cases where the external reference
voltage does not have sufficient current capability to not
drop it’s voltage when connected to the internal resistor
ladder circuit.
When the DAC’s voltage reference is configured as the
device VDD, the VREF pin is disconnected from the
internal circuit.
When the DAC’s voltage reference is configured as the
internal band gap, the VREF pin’s drive capability is
minimal, so the output signal should be buffered.
See Section 5.2 “Voltage Reference Selection” and
Register 4-2 for more details on the Configuration bits.
3.3
Analog Output Voltage Pin (VOUT)
VOUT is the DAC analog voltage output pin. The DAC
output has an output amplifier. The DAC output range is
dependent on the selection of the voltage reference
source (and potential Output Gain selection). These are:
•Device VDD - The full-scale range of the DAC
output is from VSS to approximately VDD.
•VREF pin - The full-scale range of the DAC output
is from VSS to G  VRL, where G is the gain
selection option (1x or 2x).
• Internal Band Gap - The full-scale range of the
DAC output is from VSS to G  (2  VBG), where G
is the gain selection option (1x or 2x).
In Normal mode, the DC impedance of the output pin is
about 1
. In Power-Down mode, the output pin is
internally connected to a known pull-down resistor of
1k
, 100 k, or open. The Power-Down selection bits
settings are shown Register 4-3 (Table 5-5).
3.4
No Connect (NC)
The NC pin is not connected to the device.
3.5
Ground (VSS)
The VSS pin is the device ground reference.
The user must connect the VSS pin to a ground plane
through a low-impedance connection. If an analog
ground path is available in the application PCB (printed
circuit board), it is highly recommended that the VSS pin
be tied to the analog ground path or isolated within an
analog ground plane of the circuit board.
3.6
Latch Pin (LAT)
The LAT pin is used to force the transfer of the DAC
register’s shift register to the DAC output register. This
allows DAC outputs to be updated at the same time.
The update of the VRxB:VRxA, PDxB:PDxA, Gx bits
are also controlled by the LAT pin state.
This pin supports the high voltage (VIHH) supported by
the HVC pin of the nonvolatile family device’s
(MCP47FEBXX).
3.7
I2C - Serial Clock Pin (SCL)
The SCL pin is the serial clock pin of the I2C interface.
The MCP47FVBXX’s I2C interface only acts as a slave
and the SCL pin accepts only external serial clocks.
The input data from the Master device is shifted into the
SDA pin on the rising edges of the SCL clock and
output from the device occurs at the falling edges of the
SCL clock. The SCL pin is an open-drain N-channel
driver. Therefore, it needs an external pull-up resistor
from the VDD line to the SCL pin. Refer to Section 6.0
“I2C Serial Interface Module”
for more details of I2C Serial
Interface communication.
3.8
I2C - Serial Data Pin (SDA)
The SDA pin is the serial data pin of the I2C interface.
The SDA pin is used to write or read the DAC registers
and Configuration bits. The SDA pin is an open-drain
N-channel driver. Therefore, it needs an external
pull-up resistor from the VDD line to the SDA pin. Except
for Start and Stop conditions, the data on the SDA pin
must be stable during the high period of the clock. The
high or low state of the SDA pin can only change when
the clock signal on the SCL pin is low. Refer to
Section 6.0 “I2C Serial Interface Module”
for more details
of I2C Serial Interface communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com