Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX2 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP47FVBX2
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX2 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP47FVBX2 Datasheet HTML 34Page - Microchip Technology MCP47FVBX2 Datasheet HTML 35Page - Microchip Technology MCP47FVBX2 Datasheet HTML 36Page - Microchip Technology MCP47FVBX2 Datasheet HTML 37Page - Microchip Technology MCP47FVBX2 Datasheet HTML 38Page - Microchip Technology MCP47FVBX2 Datasheet HTML 39Page - Microchip Technology MCP47FVBX2 Datasheet HTML 40Page - Microchip Technology MCP47FVBX2 Datasheet HTML 41Page - Microchip Technology MCP47FVBX2 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
MCP47FVBXX
DS20005405A-page 38
 2015 Microchip Technology Inc.
5.1
Resistor Ladder
The Resistor Ladder is a digital potentiometer with the
B Terminal internally grounded and the A Terminal
connected to the selected reference voltage (see
Figure 5-2). The volatile DAC register controls the
wiper position. The wiper voltage (VW) is proportional to
the DAC register value divided by the number of resis-
tor elements (RS) in the ladder (256, 1024 or 4096)
related to the VRL voltage.
The output of the resistor network will drive the input of
an output buffer.
The Resistor Network is made up of these three parts:
• Resistor Ladder (string of RS elements)
• Wiper switches
• DAC register decode
The resistor ladder (RRL) has a typical impedance of
approximately 140 k
. This resistor ladder resistance
(RRL) may vary from device to device up to ±20%.
Since this is a voltage divider configuration, the actual
RRL resistance does not affect the output given a fixed
voltage at VRL.
Equation 5-1 shows the calculation for the step
resistance.
If the unbuffered VREF pin is used as the VRL voltage
source, this voltage source should have a low output
impedance.
When the DAC is powered-down, the resistor ladder is
disconnected from the selected reference voltage.
FIGURE 5-2:
Resistor Ladder Model
Block Diagram.
EQUATION 5-1:
RS CALCULATION
Note:
The maximum wiper position is 2n –1,
while the number of resistors in the
resistor ladder is 2n. This means that
when the DAC register is at full scale,
there is one resistor element (RS)
between the wiper and the VRL voltage.
RS(2n)
RS(2n - 1)
RS(2n - 2)
RS(1)
2n - 1
2n - 2
1
0
RRL
VRL
VW
DAC
register
PD1:PD0
Analog Mux
RW (1)
RW (1)
RW (1)
RW (1)
Where:
# Resistors in R-Ladder = 256 (MCP47FVB0X)
1024 (MCP47FVB1X)
4096 (MCP47FVB2X)
V
W
DAC Register Value
# Resistor in Resistor Ladder
----------------------------------------------------------------------V
RL
=
Note 1:
The analog switch resistance (RW)
does not affect performance due to the
voltage divider configuration.
R
S
R
RL
256

-------------
=
R
S
R
RL
1024

----------------
=
8-bit Device
10-bit Device
R
S
R
RL
4096

----------------
=
12-bit Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com