Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX2 Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP47FVBX2
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX2 Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP47FVBX2 Datasheet HTML 47Page - Microchip Technology MCP47FVBX2 Datasheet HTML 48Page - Microchip Technology MCP47FVBX2 Datasheet HTML 49Page - Microchip Technology MCP47FVBX2 Datasheet HTML 50Page - Microchip Technology MCP47FVBX2 Datasheet HTML 51Page - Microchip Technology MCP47FVBX2 Datasheet HTML 52Page - Microchip Technology MCP47FVBX2 Datasheet HTML 53Page - Microchip Technology MCP47FVBX2 Datasheet HTML 54Page - Microchip Technology MCP47FVBX2 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 51
MCP47FVBXX
7.0
DEVICE COMMANDS
This section documents the commands that the device
supports.
The commands can be grouped into the following
categories:
• Write Command (Normal and High-Voltage)
(C1:C0 = ‘00’)
• Read Command (Normal and High-Voltage)
(C1:C0 = ‘11’)
• General Call Commands
The supported commands are shown in Table 7-1. These
commands allow for both a single data or continuous data
operation. Continuous data operation means that the I2C
Master does not generate a Stop bit but repeats the
required data/clocks. This allows faster updates since the
overhead of the I2C control byte is removed. Table 7-1
also shows the required number of bit clocks for each
command’s different mode of operation.
7.0.1
ABORTING A TRANSMISSION
A Restart or Stop condition in an expected data bit
position will abort the current command sequence and
if the command was a write, that data word will not be
written to the MCP47FVBXX. Also the I2C state
machine will be reset.
If the condition was a Restart (Start), then the following
byte will be expected to be the Slave Address byte.
If the condition was a Stop, the device will monitor for
the Start Condition.
TABLE 7-1:
DEVICE COMMANDS - NUMBER OF CLOCKS
Command
# of Bit
Clocks
(1)
Data Update Rate
(8-bit/10-bit/12-bit)
(Data Words/Second)
Comments
Operation
Code
HV
Mode
C1 C0
100kHz
400kHz
3.4MHz (4)
Write Command (Normal
and High-Voltage)(5)
00
(2)
Single
38
2,632
10,526
89,474
00
(2)
Continuous
27n + 11
3,559
14,235
120,996
For 10 data words
Read Command (Normal
and High-Voltage)(5)
11
(2)
Random
48
2,083
8,333
70,833
11
(2)
Continuous
18n + 11
4,762
19,048
161,905
For 10 data words
11
(2)
Last Address
29
3,448
13,793
117,241
General Call Reset
Command
——
(2)
Single
20
5,000
20,000
170,000
Note 3
General Call Wake-up
Command
——
(2)
Single
20
5,000
20,000
170,000
Note 3
Note 1:
“n” indicates the number of times the command operation is to be repeated.
2:
This command can be either normal voltage or high voltage.
3:
Determined by General Call command byte after the I2C General Call address.
4:
There is a minimal overhead to enter into 3.4 MHz mode.
5:
High-Voltage commands are supported for serial interface compatibility with the MCP47FEBXX devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com