Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX2 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP47FVBX2
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX2 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP47FVBX2 Datasheet HTML 26Page - Microchip Technology MCP47FVBX2 Datasheet HTML 27Page - Microchip Technology MCP47FVBX2 Datasheet HTML 28Page - Microchip Technology MCP47FVBX2 Datasheet HTML 29Page - Microchip Technology MCP47FVBX2 Datasheet HTML 30Page - Microchip Technology MCP47FVBX2 Datasheet HTML 31Page - Microchip Technology MCP47FVBX2 Datasheet HTML 32Page - Microchip Technology MCP47FVBX2 Datasheet HTML 33Page - Microchip Technology MCP47FVBX2 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
MCP47FVBXX
DS20005405A-page 30
 2015 Microchip Technology Inc.
4.1.1
POWER-ON RESET
The Power-on Reset is the case where the device VDD
is having power applied to it from the VSS voltage level.
As the device powers-up, the VOUT pin will float to an
unknown value. When the device’s VDD is above the
transistor threshold voltage of the device, the output
will start being pulled low. After the VDD is above the
POR/BOR trip point (VBOR/VPOR), the resistor
network’s wiper will be loaded with the POR value
(mid-scale). The volatile memory determines the
analog output (VOUT) pin voltage. After the device is
powered-up, the user can update the device memory.
When the rising VDD voltage crosses the VPOR trip
point, the following occurs:
• The default DAC POR value latched into volatile
DAC register
• The default DAC POR Configuration bit values
latched into volatile Configuration bits
• POR Status bit is set (‘1’)
• The Reset Delay Timer (tPORD) starts; when the
reset delay timer (tPORD) times out, the I2C serial
interface is operational. During this delay time, the
I2C interface will not accept commands.
• The Device Memory Address pointer is forced to
00h.
The analog output (VOUT) state will be determined by
the state of the volatile Configuration bits and the DAC
register. This is called a Power-on Reset (event).
Figure 4-1 illustrates the conditions for power-up and
power-down events under typical conditions.
4.1.2
BROWN-OUT RESET
The Brown-out Reset occurs when a device had
power applied to it, and that power (voltage) drops
below the specified range.
When the falling VDD voltage crosses the VPOR trip
point (BOR event), the following occurs:
• Serial Interface is disabled
• Device is forced into a power-down state
(PDxB:PDxA = ‘11’). Analog circuitry is turned off.
• Volatile DAC register is forced to 000h
• Volatile configuration bits VRxB:VRxA and Gx are
forced to ‘0’
If the VDD voltage decreases below the VRAM voltage,
all volatile memory may become corrupted.
As the voltage recovers above the VPOR/VBOR voltage
see Section 4.1.1 “Power-on Reset”.
Serial commands not completed due to a brown-out
condition may cause the memory location to become
corrupted.
Figure 4-1 illustrates the conditions for power-up and
power-down events under typical conditions.
FIGURE 4-1:
Power-on Reset Operation.
VPOR
TPORD (20 µs max.)
VDD(MIN)
Normal Operation
BOR reset,
volatile DAC register = 000h
volatile VRxB:VRxA = 00
Device in
Below
VRAM
Device in
POR state
unknown
state
minimum
operating
voltage
Device in
unknown
state
Device
in power
down
state
volatile Gx = 0
volatile PDxB:PDxA = 11
VBOR
Volatile memory
retains data value
Volatile memory
becomes corrupted
POR starts Reset Delay Timer.
When timer times out, I2C™ interface
can operate (if VDD  VDD(MIN))
Default Device configuration latched
into volatile configuration bits and
DAC register.
POR status bit is set (‘1’)
POR reset forced active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com