Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX2 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP47FVBX2
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX2 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP47FVBX2 Datasheet HTML 45Page - Microchip Technology MCP47FVBX2 Datasheet HTML 46Page - Microchip Technology MCP47FVBX2 Datasheet HTML 47Page - Microchip Technology MCP47FVBX2 Datasheet HTML 48Page - Microchip Technology MCP47FVBX2 Datasheet HTML 49Page - Microchip Technology MCP47FVBX2 Datasheet HTML 50Page - Microchip Technology MCP47FVBX2 Datasheet HTML 51Page - Microchip Technology MCP47FVBX2 Datasheet HTML 52Page - Microchip Technology MCP47FVBX2 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 49
MCP47FVBXX
6.8
Device I2C Slave Addressing
The MCP47FVBXX has a fixed 7-bit slave address.
The address byte is the first byte received following the
Start condition from the master device (see Figure 6-2).
FIGURE 6-2:
Slave Address Bits in the
I2C Control Byte.
Table 6-1 shows the four standard orderable I2C slave
addresses and their respective device order code.
6.8.0.1
Custom I2C Slave Address Options
Custom I2C Slave Address options can be requested.
Customers can request the custom I2C Slave Address
via the Non-Standard Customer Authorization Request
(NSCAR) process.
Note:
The I2C 10-bit Addressing mode is not
supported.
Start bit
Read/Write bit
Address Byte
R/W ACK
Acknowledge bit
Slave Address
A6 A5 A4 A3
Slave Address (7-bits)
A2 A1 A0
11
00
00
0
A0 Address
TABLE 6-1:
I2C ADDRESS/ORDER CODE
7-bit I2C™
Address
Device Order Code(1)
Comment
‘1100000’
MCP47FVBXXA0-E/ST
MCP47FVBXXA0T-E/ST Tape and Reel
‘1100001’
MCP47FVBXXA1-E/ST
MCP47FVBXXA1T-E/ST Tape and Reel
‘1100010’
MCP47FVBXXA2-E/ST
MCP47FVBXXA2T-E/ST Tape and Reel
‘1100011’
MCP47FVBXXA3-E/ST
MCP47FVBXXA3T-E/ST Tape and Reel
Note 1:
‘xx’ in the order code indicates the resolu-
tion and number of output channels for the
device.
Note 1:
Non-Recurring
Engineering
(NRE)
charges
and
minimum
ordering
requirements for custom orders. Please
contact Microchip sales for additional
information.
2:
A custom device will be assigned custom
device marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com