Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX2 Datasheet(PDF) 85 Page - Microchip Technology

Part # MCP47FVBX2
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX2 Datasheet(HTML) 85 Page - Microchip Technology

Back Button MCP47FVBX2 Datasheet HTML 81Page - Microchip Technology MCP47FVBX2 Datasheet HTML 82Page - Microchip Technology MCP47FVBX2 Datasheet HTML 83Page - Microchip Technology MCP47FVBX2 Datasheet HTML 84Page - Microchip Technology MCP47FVBX2 Datasheet HTML 85Page - Microchip Technology MCP47FVBX2 Datasheet HTML 86Page - Microchip Technology MCP47FVBX2 Datasheet HTML 87Page - Microchip Technology MCP47FVBX2 Datasheet HTML 88Page - Microchip Technology MCP47FVBX2 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 85
MCP47FVBXX
C.7
Offset Error (EOS)
The offset error is the delta voltage of the VOUT voltage
from the ideal output voltage at the specified code.
This code is specified where the output amplifier is in
the linear operating range; for the MCP47FVBXX we
specify code 100 (decimal). Offset error does not
include gain error, which is illustrated in Figure C-2.
This error is expressed in mV. Offset error can be neg-
ative or positive. The offset error can be calibrated by
software in application circuits.
FIGURE C-2:
Offset Error (Zero Gain
Error).
C.8
Offset Error Drift (EOSD)
The Offset error drift is the variation in offset error due
to a change in ambient temperature. The offset error
drift is typically expressed in ppm/°C or µV/°C.
C.9
Gain Error (EG)
Gain error is a calculation based on the ideal slope
using the voltage boundaries for the linear range of the
output driver (ex code 100 and code 4000) (see
Figure C-3). The Gain error calculation nullifies the
device’s offset error.
The gain error indicates how well the slope of the actual
transfer function matches the slope of the ideal transfer
function. The gain error is usually expressed as percent
of full-scale range (% of FSR) or in LSb. FSR is the
ideal Full Scale voltage of the DAC (see Equation C-5).
FIGURE C-3:
Gain Error and Full-Scale
Error Example.
EQUATION C-5:
EXAMPLE GAIN ERROR
C.10
Gain-Error Drift (EGD)
The Gain-error drift is the variation in gain error due to
a change in ambient temperature. The gain error drift is
typically expressed in ppm/°C (of full scale range).
Ideal Transfer
Actual
DAC Input Code
0
Zero-Scale
Error (EZS)
Offset
Function
100
4000
Error (EOS)
Transfer
Function
Ideal Transfer
Actual
DAC Input Code
0
Full-Scale
Error (EFS)
Gain Error (EG)
Function
100
4000
4095
VREF
Transfer
Function
(@ code = 4000)
Ideal Transfer
Function shifted by
Offset Error
(crosses at start of
defined linear range)
Where:
EG is expressed in %of Full-Scale Range (FSR)
VOUT(@4000) = The measured DAC
output voltage at the
specified code.
VOUT_Ideal(@4000) = The calculated DAC
output voltage at the
specified code.
( 4000 * VLSb(Ideal) )
VOS = Measured offset voltage.
VFull Scale Range = Expected Full-Scale
output value (such as the
VREF voltage).
EG =
* 100
( VOUT(@4000) - VOS - VOUT_Ideal(@4000) )
VFull-Scale Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com