Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX2 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP47FVBX2
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX2 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP47FVBX2 Datasheet HTML 43Page - Microchip Technology MCP47FVBX2 Datasheet HTML 44Page - Microchip Technology MCP47FVBX2 Datasheet HTML 45Page - Microchip Technology MCP47FVBX2 Datasheet HTML 46Page - Microchip Technology MCP47FVBX2 Datasheet HTML 47Page - Microchip Technology MCP47FVBX2 Datasheet HTML 48Page - Microchip Technology MCP47FVBX2 Datasheet HTML 49Page - Microchip Technology MCP47FVBX2 Datasheet HTML 50Page - Microchip Technology MCP47FVBX2 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 47
MCP47FVBXX
5.6.1
EXITING POWER-DOWN
When the device exits the power-down mode the
following occurs:
• Disabled circuits (op amp, resistor ladder, ...) are
turned on
• Resistor ladder is connected to selected
reference voltage (VRL)
• Selected pull-down resistor is disconnected
•The VOUT output will be driven to the voltage
represented by the volatile DAC register’s value
and configuration bits
The VOUT output signal will require time as these
circuits are powered-up and the output voltage is driven
to the specified value as determined by the volatile
DAC register and configuration bits.
The following events will change the PD1:PD0 bits to ‘00’
and therefore exit the Power-Down mode. These are:
•Any I2C write command where the PD1:PD0 bits
are ‘00’
•I2C General Call Wake-up Command
•I2C General Call Reset Command.
5.6.2
RESET COMMANDS
When the MCP47FVBXX is in the valid operating volt-
age, the I2C General Call Reset command will force a
Reset event. This is similar to the Power-on Reset,
except that the Reset delay timer is not started.
If the I2C interface bus does not seem to be respon-
sive, the technique shown in Section 8.9 “Software
I2C Interface Reset Sequence”
can be used to force the
I2C interface to be reset.
5.7
DAC Registers, Configuration
Bits, and Status Bits
The MCP47FVBXX devices have volatile memory.
Table 4-2 shows the volatile and the interaction due to
a POR event.
There are five configuration bits in the volatile memory,
the DAC registers in the volatile memory and two vola-
tile status bits. The volatile DAC registers will be either
12-bits (MCP47FVB2X), 10-bits (MCP47FVB1X), or 8-
bits (MCP47FVB0X) wide.
When the device is first powered-up, it automatically
forces the device default values to the volatile memory.
The volatile memory determines the analog output
(VOUT) pin voltage. After the device is powered-up, the
user can update the device memory.
The I2C interface is how this memory is read and written.
Refer to Section 6.0 “I2C Serial Interface Module” and
Section 7.0 “Device Commands”
for more details on
reading and writing the device’s memory.
Register 4-4 shows the operation of the device status
bits and Table 4-2 shows the factory default value of a
POR/BOR event for the device configuration bits.
There is one status bit (the POR bit) and it indicates if
the device VDD is above or below the POR trip point.
After a POR event, this bit is a ‘1’, reading the Gain
Control and System Status register clears this bit (‘0’).
Note:
Since the op amp and resistor ladder were
powered-off (0V), the op amp’s input
voltage (VW) can be considered 0V. There
is a delay (TPDD) between the PD1:PD0
bits updating to ‘00’ and the op amp driv-
ing the VOUT output. The op amp’s settling
time (from 0V) needs to be taken into
account to ensure the VOUT voltage
reflects the selected value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com