Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX2 Datasheet(PDF) 84 Page - Microchip Technology

Part # MCP47FVBX2
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX2 Datasheet(HTML) 84 Page - Microchip Technology

Back Button MCP47FVBX2 Datasheet HTML 80Page - Microchip Technology MCP47FVBX2 Datasheet HTML 81Page - Microchip Technology MCP47FVBX2 Datasheet HTML 82Page - Microchip Technology MCP47FVBX2 Datasheet HTML 83Page - Microchip Technology MCP47FVBX2 Datasheet HTML 84Page - Microchip Technology MCP47FVBX2 Datasheet HTML 85Page - Microchip Technology MCP47FVBX2 Datasheet HTML 86Page - Microchip Technology MCP47FVBX2 Datasheet HTML 87Page - Microchip Technology MCP47FVBX2 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
MCP47FVBXX
DS20005405A-page 84
 2015 Microchip Technology Inc.
C.4
Full-Scale Error (EFS)
The Full-Scale Error (see Figure C-3) is the error on
the VOUT pin relative to the expected VOUT voltage
(theoretical) for the maximum device DAC register
code (code FFFh for 12-bit, code 3FFh for 10-bit, and
code FFh for 8-bit) (see Equation C-2). The error is
dependent on the resistive load on the VOUT pin (and
where that load is tied to, such as VSS or VDD). For
loads (to VSS) greater than specified, the full-scale
error will be greater.
The error in bits is determined by the theoretical voltage
step size to give an error in LSb.
EQUATION C-2:
FULL SCALE ERROR
C.5
Zero-Scale Error (EZS)
The Zero-Scale Error (see Figure C-2) is the difference
between the ideal and measured VOUT voltage with the
DAC register code equal to 000h (Equation C-3). The
error is dependent on the resistive load on the VOUT pin
(and where that load is tied to, such as VSS or VDD). For
loads (to VDD) greater than specified, the zero scale
error will be greater.
The error in bits is determined by the theoretical voltage
step size to give an error in LSb.
EQUATION C-3:
ZERO SCALE ERROR
C.6
Total Unadjusted Error (ET)
The Total Unadjusted Error (ET) is the difference
between the ideal and measured VOUT voltage. Typi-
cally, calibration of the output voltage is implemented
to improve system performance.
The error in bits is determined by the theortical voltage
step size to give an error in LSb.
Equation C-4 shows the Total Unadjusted Error
calculation
EQUATION C-4:
TOTAL UNADJUSTED
ERROR CALCULATION
EFS =
VOUT(@FS) - VIDEAL(@FS)
VLSb(IDEAL)
Where:
EFS is expressed in LSb
VOUT(@FS) is the VOUT voltage when the DAC
register code is at Full scale.
VIDEAL(@FS) is the ideal output voltage when the
DAC register code is at Full scale.
VLSb(IDEAL) is the theoretical voltage step size.
EZS =
VOUT(@ZS)
VLSb(IDEAL)
Where:
EFS is expressed in LSb
VOUT(@ZS) is the VOUT voltage when the DAC
register code is at Zero-scale.
VLSb(IDEAL) is the theoretical voltage step size.
Where:
ET is expressed in LSb.
VOUT_Actual(@code) = The measured DAC
output voltage at the
specified code
VOUT_Ideal(@code) = The calculated DAC
output voltage at the
specified code
( code * V
LSb(Ideal) )
VLSb(Ideal) =VREF/# Steps
12-bit = VREF/4096
10-bit = VREF/1024
8-bit = VREF/256
ET =
( VOUT_Actual(@code) - VOUT_Ideal(@Code) )
VLSb(Ideal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com