Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC329ALC3BTR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC329ALC3BTR-R5
Description  24 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC329ALC3BTR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC329ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
HMC329ALC3B
Rev. 0 | Page 3 of 23
SPECIFICATIONS
TA = 25°C, IF = 1000 MHz, LO = 13 dBm for the upper sideband, unless otherwise noted. All measurements performed as a downconverter,
unless otherwise noted, on the evaluation printed circuit board (PCB).
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
FREQUENCY RANGE
RF Pin
24
32
GHz
IF Pin
DC
8
GHz
LO Pin
24
32
GHz
LO AMPLITUDE
9
13
15
dBm
24 GHz to 32 GHz Performance
Downconverter
Conversion Loss
11
13.5
dB
Single Sideband Noise Figure
SSB NF
12
dB
Input Third-Order Intercept
IP3
15.5
20
dBm
Input 1 dB Compression Point
P1dB
12
dBm
Input Second-Order Intercept
IP2
42
dBm
Upconverter
IFIN
Conversion Loss
10.5
dB
Input Third-Order Intercept
IP3
15.3
dBm
Input 1 dB Compression Point
P1dB
4.5
dBm
ISOLATION
24 GHz to 30 GHz Performance
LO to IF
28
35.5
dB
RF to IF
20
31.5
dB
LO to RF
32
36.5
dB
30 GHz to 32 GHz Performance
LO to IF
22
30
dB
RF to IF
10.5
24.4
dB
LO to RF
22.5
30.5
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com