Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC329ALC3BTR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC329ALC3BTR-R5
Description  24 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC329ALC3BTR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC329ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
24 GHz to 32 GHz, GaAs, MMIC,
Double Balanced Mixer
Data Sheet
HMC329ALC3B
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Conversion loss (downconverter): 11 dB typical
LO to RF isolation: 36.5 dB typical for 24 GHz to 30 GHz
performance
Input IP3 (downconverter): 20 dBm typical
12-terminal, RoHS compliant, 3 mm × 3 mm LCC package
APPLICATIONS
Microwave and very small aperture terminal (VSAT) radios
Test equipment
Military electronic warfare (EW)
Electronic countermeasure (ECM)
Command, control, communications, and intelligence (C3I)
FUNCTIONAL BLOCK DIAGRAM
1
GND
7
GND
8
RF
9
GND
10
11
12
4
2
LO
3
GND
5
6
PACKAGE
BASE
GND
HMC329ALC3B
Figure 1.
GENERAL DESCRIPTION
The HMC329ALC3B is a general-purpose, double balanced
mixer in a leadless, RoHS compliant, surface-mount technology
(SMT) package that can be used as an upconverter or down-
converter between 24 GHz and 32 GHz. This mixer is fabricated
in a gallium arsenide (GaAs), monolithic microwave integrated
circuit (MMIC) process and requires no external components
or matching circuitry. The HMC329ALC3B provides excellent local
oscillator (LO) to radio frequency (RF) and LO to intermediate
frequency (IF) suppression due to optimized balun preliminary
structures. The mixer operates with LO amplitude above 9 dBm.
The RoHS compliant HMC329ALC3B eliminates the need for
wire bonding, allowing the use of surface-mount manufacturing
techniques.


Similar Part No. - HMC329ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC329A AD-HMC329A Datasheet
438Kb / 28P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
7/2018-Revision 0
HMC329A-SX AD-HMC329A-SX Datasheet
438Kb / 28P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
7/2018-Revision 0
More results

Similar Description - HMC329ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC-C015 HITTITE-HMC-C015 Datasheet
443Kb / 6P
GaAs MMIC DOUBLE BALANCED MIXER MODULE, 24 - 38 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC292 HITTITE-HMC292_08 Datasheet
203Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC292 HITTITE-HMC292_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
logo
Analog Devices
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
HMC560A AD-HMC560A Datasheet
786Kb / 29P
24 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
9/2020-Revision 0
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
HMC292A AD-HMC292A Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com