Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC329ALC3BTR-R5 Datasheet(PDF) 22 Page - Analog Devices

Part # HMC329ALC3BTR-R5
Description  24 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC329ALC3BTR-R5 Datasheet(HTML) 22 Page - Analog Devices

Back Button HMC329ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
HMC329ALC3B
Data Sheet
Rev. 0 | Page 22 of 23
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 73 shows the typical application circuit for the
HMC329ALC3B. The HMC329ALC3B is a passive device
and does not require any external components. The LO and RF
pins are internally ac-coupled. The IF pin is internally dc-coupled.
For applications not requiring operation to dc, dc block this
port externally using a series capacitor of a value chosen to pass
the necessary IF frequency range. When IF operation to dc is
required, do not exceed the IF source and sink current rating
specified in the Absolute Maximum Ratings section.
GND
GND
RF
GND
LO
LO
RF
IF
GND
HMC329ALC3B
1
7
8
9
10
11
12
4
2
3
5
6
Figure 73. Typical Application Circuit
EVALUATION PCB INFORMATION
Use RF circuit design techniques for the circuit board used in
the application. Ensure that signal lines have 50 Ω impedance
and connect the package ground leads and the exposed pad
directly to the ground plane (see Figure 74). Use a sufficient
number of via holes to connect the top and bottom ground
planes. The evaluation circuit board shown in Figure 74 is
available from Analog Devices, Inc., upon request.
Table 7. List of Materials for Evaluation PCB
EV1HMC329ALC3B
Item
Description
J1, J2
PCB mount, SRI, 2.92 mm connectors
J3
PCB mount, Johnson Components SMA connector
U1
HMC329ALC3B
PCB1
117611-1 evaluation board on
Rogers Corporation RO4350B laminates
1
117611-1 is the raw bare PCB identifier. Reference EV1HMC329ALC3B when
ordering complete evaluation PCB.
J1
J3
IF
LO
RF
117611–1
U1
J2
329 A
Figure 74. Evaluation PCB Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com