Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC329ALC3BTR-R5 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC329ALC3BTR-R5
Description  24 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC329ALC3BTR-R5 Datasheet(HTML) 4 Page - Analog Devices

  HMC329ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
HMC329ALC3B
Data Sheet
Rev. 0 | Page 4 of 23
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
RF Input Power
13 dBm
LO Input Power
24 dBm
IF Input Power
13 dBm
IF Source or Sink Current
3 mA
Peak Reflow Temperature
260°C
Maximum Junction Temperature
175°C
Continuous Power Dissipation, PDISS (TA = 85°C,
Derate 3.7 mW/°C Above 85°C)
200 mW
Operating Temperature Range
−55°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 60 sec)
260°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
1500 V, Class 1C
Field-Induced Charged Device Model
(FICDM)
1250 V, Class IV
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection, junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure.
θJC is the junction to case thermal resistance.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
E-12-41
120
445
°C/W
1
Test Condition 1: JEDEC standard JESD51-2.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com