Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC329ALC3BTR-R5 Datasheet(PDF) 14 Page - Analog Devices

Part # HMC329ALC3BTR-R5
Description  24 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC329ALC3BTR-R5 Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC329ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
HMC329ALC3B
Data Sheet
Rev. 0 | Page 14 of 23
UPCONVERTER PERFORMANCE, IF = 8000 MHz
Upper Sideband (Low-Side LO)
–30
–25
–20
–15
–5
–10
27
28
29
30
31
32
33
35
34
RF FREQUENCY
–40°C
+25°C
+85°C
Figure 48. Conversion Gain vs. RF Frequency at Various Temperatures,
LO = 13 dBm
27
28
29
30
31
32
33
35
34
0
5
10
15
20
30
25
RF FREQUENCY
–40°C
+25°C
+85°C
Figure 49. Input IP3 vs. RF Frequency at Various Temperatures, LO = 13 dBm
–30
–25
–20
–15
–5
–10
27
28
29
30
31
32
33
35
34
RF FREQUENCY
LO = 9dBm
LO = 11dBm
LO = 13dBm
LO = 15dBm
Figure 50. Conversion Gain vs. RF Frequency at Various LO Power Levels,
TA = 25°C
27
28
29
30
31
32
33
35
34
0
5
10
15
20
30
25
RF FREQUENCY
LO = 9dBm
LO = 11dBm
LO = 13dBm
LO = 15dBm
Figure 51. Input IP3 vs. RF Frequency at Various LO Power Levels, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com