Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC329ALC3BTR-R5 Datasheet(PDF) 20 Page - Analog Devices

Part # HMC329ALC3BTR-R5
Description  24 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC329ALC3BTR-R5 Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC329ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
HMC329ALC3B
Data Sheet
Rev. 0 | Page 20 of 23
SPURIOUS AND HARMONICS PERFORMANCE
Mixer spurious products are measured in dBc from the IF output
power level. N/A means not applicable.
LO Harmonics
LO = 13 dBm, all values in dBc are below input LO level and are
measured at the RF port.
Table 5. LO Harmonics at RF
LO Frequency (GHz)
N × LO Spur at RF Port
1
2
3
4
22
43
69
N/A
N/A
25
42
75
N/A
N/A
28
45
N/A
N/A
N/A
30
37
N/A
N/A
N/A
33
30
N/A
N/A
N/A
35
37
N/A
N/A
N/A
38
28
N/A
N/A
N/A
LO = 13 dBm, all values in dBc are below input LO level and are
measured at the IF port.
Table 6. LO Harmonics at IF
LO Frequency (GHz)
N × LO Spur at IF Port
1
2
3
4
22
41
99
N/A
N/A
25
43
78
N/A
N/A
28
43
N/A
N/A
N/A
30
34
N/A
N/A
N/A
33
36
N/A
N/A
N/A
35
39
N/A
N/A
N/A
38
31
N/A
N/A
N/A
M × N Spurious Outputs
Downconverter, Upper Sideband
Spur values are (M × RF) − (N × LO). RF = 28 GHz at
−10 dBm, LO = 27 GHz at 13 dBm.
N × LO
0
1
2
3
4
5
M × RF
0
N/A
7
N/A
N/A
N/A
N/A
1
27
N/A
36
N/A
N/A
N/A
2
N/A
66
57
69
N/A
N/A
3
N/A
N/A
72
81
72
N/A
4
N/A
N/A
N/A
73
78
72
5
N/A
N/A
N/A
N/A
71
78
Upconverter, Upper Sideband
Spur values are (M × IF) + (N × LO). IFIN = 1000 MHz at
−10 dBm, LO = 27 GHz at 13 dBm.
N × LO
0
1
2
3
M × IF
−5
80
70
N/A
N/A
−4
79
71
N/A
N/A
−3
74
61
N/A
N/A
−2
55
41
N/A
N/A
−1
20
0
N/A
N/A
0
N/A
6
N/A
N/A
+1
20
0
N/A
N/A
+2
55
39
N/A
N/A
+3
72
58
N/A
N/A
+4
79
75
58
N/A
+5
80
74
58
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com