Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC329ALC3BTR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC329ALC3BTR-R5
Description  24 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC329ALC3BTR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC329ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
HMC329ALC3B
Rev. 0 | Page 5 of 23
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
GND
7
GND
8
RF
9
GND
10
11
12
4
2
LO
3
GND
5
6
NOTES
1. NOT INTERNALLY CONNECTED. THESE PINS
CAN BE CONNECTED TO RF/DC GROUND.
PERFORMANCE IS NOT AFFECTED.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO RF/DC GROUND.
HMC329ALC3B
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 4, 6, 7, 9
GND
Ground. These pins must be connected to RF/dc ground. See Figure 3 for the interface schematic.
2
LO
LO Port. This pin is ac-coupled and matched to 50 Ω. See Figure 4 for the interface schematic.
5
IF
IF Port. This pin is dc-coupled. For applications not requiring operation to dc, dc block this port externally
using a series capacitor of a value chosen to pass the necessary IF frequency range. For operation to dc, this
pin must not source or sink more than 3 mA of current. Otherwise, die malfunction or die failure may result.
See Figure 5 for the interface schematic.
8
RF
RF Port. This pin is ac-coupled and matched to 50 Ω. See Figure 6 for the interface schematic.
10, 11, 12
NIC
Not Internally Connected. Connect these pins to RF/dc ground. Performance is not affected.
EPAD
Exposed Pad. The exposed pad must be connected to RF/dc ground.
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
LO
Figure 4. LO Interface Schematic
IF
Figure 5. IF Interface Schematic
RF
Figure 6. RF Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com