Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC329ALC3BTR-R5 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC329ALC3BTR-R5
Description  24 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC329ALC3BTR-R5 Datasheet(HTML) 2 Page - Analog Devices

  HMC329ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC329ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
HMC329ALC3B
Data Sheet
Rev. 0 | Page 2 of 23
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Interface Schematics..................................................................... 5
Typical Performance Characteristics ............................................. 6
Downconverter Performance, IF = 1000 MHz..........................6
Downconverter Performance, IF = 8000 MHz....................... 10
Upconverter Performance, IF = 1000 MHz............................ 12
Upconverter Performance, IF = 8000 MHz............................ 14
IF Bandwidth—Downconverter............................................... 18
Spurious and Harmonics Performance ................................... 20
Theory of Operation ...................................................................... 21
Applications Information .............................................................. 22
Typical Application Circuit....................................................... 22
Evaluation PCB Information .................................................... 22
Outline Dimensions....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
5/2018—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com