Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBSGAM02PR50 Datasheet(PDF) 12 Page - Efficient Power Conversion Corporation.

Part # FBSGAM02PR50
Description  50 VDC/10 A Radiation-Hardened Multifunction Power Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

FBSGAM02PR50 Datasheet(HTML) 12 Page - Efficient Power Conversion Corporation.

Back Button FBSGAM02PR50 Datasheet HTML 8Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 9Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 10Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 11Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 12Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 13Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 14Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 15Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 16Page - Efficient Power Conversion Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
©2020 EPC SPACE
EPC.SPACE
12
FBS-GAM02-P-R50 Datasheet
Typical Application Information
The following figures detail the suggested applications for the FBS-GAM02-P-R50 Module. For all applications, please refer to the
Implementation section, following, for proper power supply bypassing and layout recommendations and criteria. In any of the following
applications, if an inductive load is driven then an appropriately-rated Schottky rectifier/diode should be connected across the load to
prevent destructive flyback/”kickback” voltages from destroying the FBS-GAM02-P-R50.
In all the following figures only the pins that are considered or that require connection are identified.
Figure 6. Single High-Side
Power Switch Configuration
Figure 7. Single Low-Side
Power Switch Configuration
+5 VDC
VBIAS
VDD
TOUT
TIN
BIN
FBS-GAM02-P-R50
RLoad
VDD
1
7
18
8
17
9
16
10
15
14
13
12
11
2
3
4
5
6
PWM In
PGND
LGND
+5 VDC
VBIAS
VDD
BOUT
TIN
BIN
FBS-GAM02-P-R50
RLoad
VDD
1
7
18
8
17
9
16
10
15
14
13
12
11
2
3
4
5
6
PWM In
PGND
LGND
Figure 8. Independent High-
and Low-Side Power Switches
+5 VDC
VBIAS
VDD
BOUT
TOUT
TIN
BIN
FBS-GAM02-P-R50
RLoad1
RLoad2
VDD
1
7
18
8
17
9
16
10
15
14
13
12
11
2
3
4
5
6
PWM1 In
PWM2 In
PGND
LGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com