Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBSGAM02PR50 Datasheet(PDF) 32 Page - Efficient Power Conversion Corporation.

Part # FBSGAM02PR50
Description  50 VDC/10 A Radiation-Hardened Multifunction Power Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

FBSGAM02PR50 Datasheet(HTML) 32 Page - Efficient Power Conversion Corporation.

Back Button FBSGAM02PR50 Datasheet HTML 25Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 26Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 27Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 28Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 29Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 30Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 31Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 32Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 33Page - Efficient Power Conversion Corporation.  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
©2020 EPC SPACE
EPC.SPACE
32
FBS-GAM02-P-R50 Datasheet
EPC Space Part Number Information
50 = 50 V
DC fully Derated VDD operation
FBS - GAM02 - P - R50
P = Molded Plastic SMT Package
C = Ceramic SMT Package
EPC Space Semiconductor “
GaN Adaptor Module”
C = Development Module
R = Radiation Hardened*
The Soak Zone – normally occupies 33-50% of the total heated tunnel length exposes the PCB to a relatively steady temperature
that will allow the components of different mass to be uniform in temperature. The soak zone also allows the flux to concentrate and
the volatiles to escape from the paste.
The Reflow Zone – or spike zone is to elevate the temperature of the PCB assembly from the activation temperature to the
recommended peak temperature. The activation temperature is always somewhat below the melting point of the alloy, while the peak
temperature is always above the melting point.
Reflow – Best results achieved when reflowed in a forced air convection oven with a minimum of 8 zones (top & bottom), however
reflow is possible with a four (4)-zone oven (top & bottom) with the recommended profile for a forced air convection reflow process.
The melting temperature of the solder, the heat resistance of the components, and the characteristics of the PCB (i.e. density,
thickness, etc.) determine the actual reflow profile.
Note* FBS-GAM02-P-R50 solder attachment has a maximum peak dwell
temperature of 230°C limit, exceeding the maximum peak temperature can cause damage to the unit.
Reflow Process Disclaimer
The profile is as stated “Example”. The-end user can optimize reflow profiling based against the actual solder paste and reflow oven
used. EPC Space assumes no liability in conjunction with the use of this profile information.
*FBS-GAM02-P-R50 (Utilizes High Lead Content Die) and FBS-GAM02-P-C50 (Utilizes High Lead Content Die)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com