Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBSGAM02PR50 Datasheet(PDF) 20 Page - Efficient Power Conversion Corporation.

Part # FBSGAM02PR50
Description  50 VDC/10 A Radiation-Hardened Multifunction Power Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

FBSGAM02PR50 Datasheet(HTML) 20 Page - Efficient Power Conversion Corporation.

Back Button FBSGAM02PR50 Datasheet HTML 16Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 17Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 18Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 19Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 20Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 21Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 22Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 23Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 24Page - Efficient Power Conversion Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
©2020 EPC SPACE
EPC.SPACE
20
FBS-GAM02-P-R50 Datasheet
Pin Descriptions (continued)
N/C (Pin 9)
Pins 9 is not internally connected. This “no connection” pin is recommended to be connected to
the system PGND (plane) as good engineering practice to avoid coupling unwanted noise into
the internal circuitry of the FBS-GAM02-P-R50. This may be done directly or using a 0 Ω jumper
resistor.
TBST (Pin 10)
The TBST pin is connected directly to the bias side (the bootstrap diode cathode connection) of the
internal bootstrap capacitor for the high-side gate driver. The TBST, in conjunction with the TOS pin,
provides the end-user the ability to add additional external bootstrap capacitance to the high-side
gate driver to allow the FBS-GAM02-P-R50 to be operated at lower switching frequencies (< 200kHz)
than specified in this data-sheet. An external isolated power supply may be provided to Pins 8 (-) and
10 (+) to achieve DC operation of the high-side switch, only if great care is used in the design of this
supply to insure that it may withstand the very high dV/dt signal present at Pins 8 and 10.
If external bootstrap capacitance is required, then pin 10 should be left OPEN (no connection).
VDD (Pin 11)
The VDD pin (pin 11) is the high current reference (open drain) pin for the internal power eGaN® HEMT
associated with high-side power driver. This pin should be connected directly to the system power
(VDD) bus via a low impedance connection, preferably through a low impedance power plane. This
pin should be properly bypassed to the system power ground (PGND) using the guidelines found in
the “Recommended VDD-to-PGND Power Supply Bypassing” section, following.
TOUT (Pin 12)
The TOUT pin (pin 12) is the high-current output pin for the high-side driver in the FBS-GAM02-P-R50 module. This pin should be connected
directly, via a low impedance connection, to the external load in high-side switch applications or to the BOUT pin (pin 11), and the load, in
half-bridge configurations. The internal high-side gate driver circuitry is referenced to the TOUT pin, which is internally connected to the TOS
pin (pin 8).
This is a VERY high dV/dt and dI/dt pin and regardless of the switch configuration the connection to the external load should be as short as
possible to minimize radiated EMI.
BOUT (Pin 13)
The BOUT pin (pin 13) is the high current output (open drain) pin for the internal power eGaN® HEMT associated with the low-side power
driver. This pin should be connected directly, via a low impedance connection, to the external load in low-side switch applications or to the
TOUT pin (pin 12), and the load, in half-bridge configurations.
This is a VERY high dV/dt and dI/dt pin and the connection to the external load should be as short as possible to minimize radiated EMI.
PGND (Pin 14)
The PGND pin (pin 14) is the ground return (source) connection for the internal power circuitry eGaN® HEMT and high-speed gate driver
circuitry associated with low-side power driver and for the power good and interface logic for the high-side driver. This pin should be
connected directly to the system power return/ground plane to minimize common source inductance, and the voltage transients associated
with this inductance. If load current sensing is required in the half-bridge configuration, this should be accomplished via a current sense
transformer in series with the drain of the low-side power HEMT (pin 13).
BCON (Pin 15)
The BCON pin is the logic input for the input shoot-through protection for low-side power driver. The state of this pin follows the state of the TIN
logic input pin. If input shoot-through protection is desired in the half-bridge configuration where both power drivers (low and high) must not
be turned on simultaneously if the BIN and TIN logic inputs are simultaneously at logic “1”, then BCON (pin 15) should be externally connected
to BSTP (pin 16). If no shoot-through protection is desired, then pin 15 should be left OPEN (no connection).
Top (X-Ray) View
18 Pin Molded SMT Package
with Pillar Pins
3
2
4
5
1
10
11
12
13
14
9
6
7
8
15
16
18
17
15
16
18
17
4
5
3
2
14
13
12
11
1
10
9
6
7
8
Bottom (Pad) View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com