Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBSGAM02PR50 Datasheet(PDF) 30 Page - Efficient Power Conversion Corporation.

Part # FBSGAM02PR50
Description  50 VDC/10 A Radiation-Hardened Multifunction Power Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

FBSGAM02PR50 Datasheet(HTML) 30 Page - Efficient Power Conversion Corporation.

Back Button FBSGAM02PR50 Datasheet HTML 25Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 26Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 27Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 28Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 29Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 30Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 31Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 32Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 33Page - Efficient Power Conversion Corporation.  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
©2020 EPC SPACE
EPC.SPACE
30
FBS-GAM02-P-R50 Datasheet
Package Outline, Dimensions, and Part Marking
Part Marking
(see inset)
0.75 Ref
0.125
0.110
0.015 Typ
0.750
0.000
0.730
0.575
0.545
0.390
0.360
0.205
0.175
0.020
0.000
0.720
0.030
0.640
0.600
0.520
0.480
0.395
0.355
0.270
0.230
0.150
0.110
Pin 1
Over Mold
PCB
1.00 Ref
I/O Pads
FBS-GAM02-P-R50
Part Marking inset
YYWW
EPCS
∆1A
8QKQ6
Date Code
Company
Identier
Serial
Number
ESD
Rating
CAGE Code
XXXX
Note: The ESD rating of the device is located
directly over PIN 1
ALL tolerances +/- 0.010
Note: All dimensions are in inches
Figure 31. FBS-GAM02-P-R50 Package Outline, Dimensions and Part Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com