Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBSGAM02PR50 Datasheet(PDF) 33 Page - Efficient Power Conversion Corporation.

Part # FBSGAM02PR50
Description  50 VDC/10 A Radiation-Hardened Multifunction Power Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

FBSGAM02PR50 Datasheet(HTML) 33 Page - Efficient Power Conversion Corporation.

Back Button FBSGAM02PR50 Datasheet HTML 25Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 26Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 27Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 28Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 29Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 30Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 31Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 32Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 33Page - Efficient Power Conversion Corporation.  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
©2020 EPC SPACE
EPC.SPACE
33
FBS-GAM02-P-R50 Datasheet
Disclaimers
Revisions
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE RELIABILITY,
FUNCTION OR DESIGN OR OTHERWISE. EPC Space Corporation, its affiliates, agents, employees, and all persons acting on its or their
behalf (collectively, “EPC Space”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet
or in any other disclosure relating to any product. EPC Space makes no warranty, representation or guarantee regarding the suitability of
the products for any particular purpose. To the maximum extent permitted by applicable law, EPC Space disclaims (i) any and all liability
arising out of the application or use of any product, (ii) any and all liability, including without limitation special, consequential or incidental
damages, and (iii) any and all implied warranties, including warranties of fitness for particular purpose, non-infringement and merchant-
ability. Statements regarding the suitability of products for certain types of applications are based on EPC Space market knowledge
of typical requirements that are often placed on similar technologies in generic applications. Product specifications do not expand or
otherwise modify EPC Space terms and conditions of purchase, including but not limited to the warranty expressed therein. Except as
expressly indicated in writing, EPC Space products are not designed for use in medical, life-saving, or life-sustaining applications or for
any other application in which the failure of the EPC Space product could result in personal injury or death. Customers using EPC Space
products not expressly indicated for use in such applications do so at their own risk. Please contact authorized EPC Space personnel to
obtain written terms and conditions regarding products designed for such applications. No license, express or implied, by estoppel or
otherwise, to any intellectual property rights is granted by this document or by any conduct of EPC Space. Product names and mark-
ings noted herein may be trademarks of their respective owners.
Export Administration Regulations (EAR)
The products described in this datasheet could be subjected to the Export Administration Regulations (EAR). They may require an
approved export license prior to export from the United States. An export includes release of product or disclosure of technology to a
foreign national inside or outside the United States.
International Traffic in Arms Regulations (ITAR)
The products described in this datasheet could be subjected to the International in Arms Regulations (ITAR). They require an approved
export license prior to export from the United States. An export includes release of product or disclosure of technology to a foreign
national inside or outside the United States.
Patents
EPC Space holds numerous U.S patent. Any that apply to the product(s) listed in this document are identified by markings on the pro-
duct(s) or on internal components of the product(s) in accordance with U.S Patent laws
eGaN® is a registered trademark of Efficient Power Conversion Corporation, Inc. Data and specification subject to change without notice.
Contact EPC Space for further information and to order:
Email: sales@epc.space
Phone: +1 978 208 1334
Website: epc.space
Address: 17 Parkridge Road
Unit # E
Haverhill, MA 01835
USA
Datasheet Revision
Product Status
REV -
Proposal/development
REV -
Characterization and Qualification
M-702-001-F
Production Released
Information subject to change without notice.
Revised November, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com