Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBSGAM02PR50 Datasheet(PDF) 17 Page - Efficient Power Conversion Corporation.

Part # FBSGAM02PR50
Description  50 VDC/10 A Radiation-Hardened Multifunction Power Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

FBSGAM02PR50 Datasheet(HTML) 17 Page - Efficient Power Conversion Corporation.

Back Button FBSGAM02PR50 Datasheet HTML 13Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 14Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 15Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 16Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 17Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 18Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 19Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 20Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 21Page - Efficient Power Conversion Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
©2020 EPC SPACE
EPC.SPACE
17
FBS-GAM02-P-R50 Datasheet
Interfacing the FBS-GAM02 to Legacy Rad-Hard PWM Controllers (continued)
b.) Zener diode voltage clamp with ASIC/FPGA Two-Phase PWM Generator.
The same Zener diode clamping circuit as shown in Figure 14 may be used to clamp the output of the UC1823A to a lower voltage level
in order to present it to an ASIC/FPGA in order to generate the requisite two-phase clock signals for the BIN and TIN logic inputs of the
FBS-GAM02-P-R50. A typical circuit for this circuit implementation is shown in Figure 15:
In the circuit of Figure 15 all the high-speed and high accuracy analog functions associated with the PWM controller are performed off-
chip from the FPGA/ASIC. The programmable logic of the FPGA/ASIC and the associated firmware code is responsible for generating
the two-phase clock with dead times required by the BIN and TIN inputs of the FBS-GAM02-P-R50.
Figure 15. Zener Diode Logic Input Voltage Clamp Circuit with
ASIC/FPGA Two-Phase Clock (With Dead Time) Generator
+12 VDC
VC
PGND
UC1823A-SP
FPGA/
ASIC
OUT
GP01
GP02
GPI
D1
D4
CC
R1
R2
BIN
TIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com