Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBSGAM02PR50 Datasheet(PDF) 29 Page - Efficient Power Conversion Corporation.

Part # FBSGAM02PR50
Description  50 VDC/10 A Radiation-Hardened Multifunction Power Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

FBSGAM02PR50 Datasheet(HTML) 29 Page - Efficient Power Conversion Corporation.

Back Button FBSGAM02PR50 Datasheet HTML 25Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 26Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 27Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 28Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 29Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 30Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 31Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 32Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 33Page - Efficient Power Conversion Corporation.  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
©2020 EPC SPACE
EPC.SPACE
29
FBS-GAM02-P-R50 Datasheet
Radiation Characteristics
Thermal Characteristics
30. Typical Low- or High-Side Catch Schottky Normalized Junction-to-Case Thermal Impedance
29. Typical Low- or High-Side Power eGAN® HEMT Normalized Junction-to-Case Thermal Impedance
1
0.1
0.01
0.001
0.0001
0.00001
0.0001
0.001
0.01
Pulse Duration (s)
0.1
1
10
50% (Duty Cycle)
20%
10%
5%
2%
1%
Single Pulse
1
0.1
0.01
0.001
0.00001
0.0001
0.001
0.01
Pulse Duration (s)
0.1
1
10
50% (Duty Cycle)
20%
10%
5%
2%
1%
Single Pulse
The
FBS-GAM02-P-R50 is a Radiation Hardness-Assured 50 V
DC/10 A Dual Independent Low- and High-Side Power Driver Module.
• EPC Space’s FBS-GAM02-P-R50 internally utilizes eGaN HEMT technology designed, fabricated and tested per Mil-Std-750 Method
1019 for total ionizing dose validation with total ionizing with an in-situ Gamma Bias for (i) VGS = 5V, (ii) VDS = VGS = 0 V and (iii) VDS =
80% BVDSS.
• Under the above prescribed conditions EPC Space can guarantee parametric data limits as outlined within the
FBS-GAM02-P-R50
datasheet with the additional pre/post radiation effects guarantee under a best practice commercial screened reliability level in an
Epoxy Over-Mold non-hermetic package outline.
When incorporating EPC Space radiation validated/assured HEMT materials, the
FBS-GAM02-P-R50 is “guaranteed by designed” to
survive High Dose Rate TID to levels of 100 kRad (Si) with Single Event Immunity to:
Heavy Ion: Au, LET (Si)= 83.7, 2482 MeV, Range = 130 μm --
Up to 100 VDS Voltage Maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com