Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBSGAM02PR50 Datasheet(PDF) 21 Page - Efficient Power Conversion Corporation.

Part # FBSGAM02PR50
Description  50 VDC/10 A Radiation-Hardened Multifunction Power Module
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

FBSGAM02PR50 Datasheet(HTML) 21 Page - Efficient Power Conversion Corporation.

Back Button FBSGAM02PR50 Datasheet HTML 17Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 18Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 19Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 20Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 21Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 22Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 23Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 24Page - Efficient Power Conversion Corporation. FBSGAM02PR50 Datasheet HTML 25Page - Efficient Power Conversion Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
©2020 EPC SPACE
EPC.SPACE
21
FBS-GAM02-P-R50 Datasheet
Pin Descriptions (continued)
BSTP (Pin 16)
The BSTP pin is the open drain output for the input shoot-through protection for low-side power
driver. The state of this pin is the logical inverse of the BIN logic input pin. If input shoot-through
protection is desired in the half-bridge configuration where both power drivers (low and high) must
not be turned on simultaneously if the BIN and TIN logic inputs are simultaneously at logic “1”, then
BSTP (pin 16) should be externally connected to BCON (pin 15). If no shoot-through protection is
desired, then pin 16 should be left OPEN (no connection).
TSTP (Pin 17)
The TSTP pin is the open drain output for the input shoot-through protection for high-side power
driver. The state of this pin is the logical inverse of the TIN logic input pin. If input shoot-through
protection is desired in the half-bridge configuration where both power drivers (low and high) must
not be turned on simultaneously if the BIN and TIN logic inputs are simultaneously at logic “1”, then
TSTP (pin 17) should be externally connected to TCON (pin 18). If no shoot-through protection is
desired, then pin 17 should be left OPEN (no connection).
TCON (Pin 18)
The TCON pin is the logic input for the input shoot-through protection for high-side power driver.
The state of this pin follows the state of the BIN logic input pin. If input shoot-through protection
is desired in the half-bridge configuration where both power drivers (low and high) must not be
turned on simultaneously if the BIN and TIN logic inputs are simultaneously at logic “1”, then TCON
(pin 18) should be externally connected to TSTP (pin 17). If no shoot-through protection is desired,
then pin 18 should be left OPEN (no connection).
Top (X-Ray) View
18 Pin Molded SMT Package
with Pillar Pins
3
2
4
5
1
10
11
12
13
14
9
6
7
8
15
16
18
17
15
16
18
17
4
5
3
2
14
13
12
11
1
10
9
6
7
8
Bottom (Pad) View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com