Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M19X-LXRW-059 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd

Part # M19X-LXRW-059
Description  This device can carry out variable of the capacitor by adjusting the tuning voltage.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

M19X-LXRW-059 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd

  M19X-LXRW-059 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Variable Capacitor LXRW0YV201-059
p3/18
3
September,2018
2) Pin assignments
TOP VIEW
BOTTOM VIEW
1
2
3
4
1
2
3
4
Pin No.
Pin Name
Description
1
GND
Ground
2
Vt
V_tune
3
Port1
RF port
4
Port2
RF port
5. Marking structure
①Trace code
②1pin Mark
③Device code
①
②
③
×
◎
①
②
③



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com