Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M19X-LXRW-059 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd

Part # M19X-LXRW-059
Description  This device can carry out variable of the capacitor by adjusting the tuning voltage.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

M19X-LXRW-059 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd

Back Button M19X-LXRW-059 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Variable Capacitor LXRW0YV201-059
p11/18
11
September,2018
Fig. 2
Testing board
Mounted situation
Test method
Land
Land pattern is same as figure1
Glass-fluorine board t=1.6mm
Copper thickness over 35
m
(Unit : mm)
(Unit : mm)
(Unit : mm)
45
45
CHIP
R230
50
20
deflection
45
45
CHIP
R230
50
20
deflection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com