Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M19X-LXRW-059 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd

Part # M19X-LXRW-059
Description  This device can carry out variable of the capacitor by adjusting the tuning voltage.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

M19X-LXRW-059 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd

Back Button M19X-LXRW-059 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Variable Capacitor LXRW0YV201-059
p8/18
8
September,2018
10. Reliability Test
【Mechanical Test】
No.
Items
Specifications
Test Methods
1
Vibration Resistance
No severe damages
Solder specimens on the testing jig (glass fluorine
boards) shown in appended Fig.1 by a Pb free solder.
The soldering shall be done either by iron or reflow and
be conducted with care so that the soldering is uniform
and free of defect such as by heat shock.
Frequency
: 10~2000 Hz
Acceleration : 196 m/s2
Direction
: X,Y,Z 3 axis
Period
: 2.5 h on each direction
Total 7.5 h.
2
Shock
Solder specimens on the testing jig shown in
appended Fig.1 by an eutectic solder. The soldering
shall be done either by iron or reflow and be conducted
with care so that the soldering is uniform and free of
defect such as by heat shock.
Acceleration
: 981 m/s2
Period
: 6 ms.
Cycle
: 6 axis ×10 times
3
Deflection
Solder specimens on the testing jig (glass epoxy
boards) shown in appended Fig.2 by a Pb free solder.
The soldering shall be done either by iron or reflow and
be conducted with care so that the soldering is uniform
and free of defect such as by heat shock.
No damage with 1.6mm deflection
4
Soldering strength
(Push Strength)
2N Minimum
Solder specimens onto test jig shown below. Apply
pushing force at 0.5mm/s until electrode pads are
peeled off or product is broken. Pushing force is
applied
to longitudinal direction.
5
Solderability of Termination
95%
of
the
terminations is to be
soldered evenly and
continuously.
Immerse specimens first an ethanol solution of rosin,
then in a Pb free solder solution for 3±0.5 sec. at
245±5 °C.
Preheat
: 150 °C, 60 sec.
Solder Paste : Sn-3.0Ag-0.5Cu
Flux
: Solution of ethanol and rosin
(25 % rosin in weight proportion)
6
Resistance to Soldering Heat
(Reflow)
No severe damages
Satisfy specifications
listed in paragraph 7-
2
over
operational
temperature range
Preheat Temperature
:
150-200 °C
Preheat Period
: 90+/-30 sec.
High Temperature
: 217 °C
High Temp. Period
: 105+/-45sec.
Peak Temperature
: 260+0/-5°C
Specimens are soldered twice with the above condition,
and then kept in room condition for 24 h before
measurements.
Pushing Direction
Jig
Specimen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com