Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M19X-LXRW-059 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd

Part # M19X-LXRW-059
Description  This device can carry out variable of the capacitor by adjusting the tuning voltage.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

M19X-LXRW-059 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd

  M19X-LXRW-059 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Variable Capacitor LXRW0YV201-059
p1/18
1
September,2018
1. This specification shall be applied to the VARIABLE CAPACITOR.
LXRW0YV201-059
2. Features
This device can carry out variable of the capacitor by adjusting the tuning voltage.
This device can be used as a device for frequency adjustments of FeliCa(NFC) like switch IC(Capacitor
embedded type) or a trimmer capacitor. Of course, other various cases can be used.
3. Part Number Configuration
LXRW 0Y V
201
– 059
①
② ③
④
⑤
① Product ID (LXRW = Variable Capacitor)
② Dimension Code
③ Control Code
④ Capacitance
⑤ Serial Number
※RoHS Directive compliant product
MSL 3


Similar Part No. - M19X-LXRW-059

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
M19X-LXRW-050 MURATA1-M19X-LXRW-050 Datasheet
702Kb / 17P
This device can carry out variable of the capacitor by adjusting the tuning voltage.
M19X-LXRW-053 MURATA1-M19X-LXRW-053 Datasheet
1,008Kb / 17P
This device can carry out variable of the capacitor by adjusting the tuning voltage.
M19X-LXRW-054 MURATA1-M19X-LXRW-054 Datasheet
996Kb / 17P
This device can carry out variable of the capacitor by adjusting the tuning voltage.
M19X-LXRW-055 MURATA1-M19X-LXRW-055 Datasheet
696Kb / 17P
This device can carry out variable of the capacitor by adjusting the tuning voltage.
M19X-LXRW-056 MURATA1-M19X-LXRW-056 Datasheet
991Kb / 17P
This device can carry out variable of the capacitor by adjusting the tuning voltage.
More results

Similar Description - M19X-LXRW-059

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-7276 TEC-408-7276 Datasheet
85Kb / 1P
Remove the contact by pulling it out of the rear of cavity.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Y601 AVAGO-HLMP-Y601 Datasheet
70Kb / 3P
The junction temperature of the device determines
logo
STMicroelectronics
EV-VND5E160J STMICROELECTRONICS-EV-VND5E160J Datasheet
134Kb / 8P
The diagnostic feedback of the whole device
17-Sep-2013
logo
Murata Manufacturing Co...
M19X-LXRW-050 MURATA1-M19X-LXRW-050 Datasheet
702Kb / 17P
This device can carry out variable of the capacitor by adjusting the tuning voltage.
M19X-LXRW-053 MURATA1-M19X-LXRW-053 Datasheet
1,008Kb / 17P
This device can carry out variable of the capacitor by adjusting the tuning voltage.
M19X-LXRW-054 MURATA1-M19X-LXRW-054 Datasheet
996Kb / 17P
This device can carry out variable of the capacitor by adjusting the tuning voltage.
M19X-LXRW-055 MURATA1-M19X-LXRW-055 Datasheet
696Kb / 17P
This device can carry out variable of the capacitor by adjusting the tuning voltage.
M19X-LXRW-056 MURATA1-M19X-LXRW-056 Datasheet
991Kb / 17P
This device can carry out variable of the capacitor by adjusting the tuning voltage.
M19X-LXRW-058 MURATA1-M19X-LXRW-058 Datasheet
677Kb / 17P
This device can carry out variable of the capacitor by adjusting the tuning voltage.
logo
Maxim Integrated Produc...
DS3644 MAXIM-DS3644 Datasheet
24Kb / 4P
A description of this device can be found in the product data sheet
3/29/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com