Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M19X-LXRW-059 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd

Part # M19X-LXRW-059
Description  This device can carry out variable of the capacitor by adjusting the tuning voltage.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

M19X-LXRW-059 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd

Back Button M19X-LXRW-059 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Variable Capacitor LXRW0YV201-059
p9/18
9
September,2018
7
Chip Place Test
No severe damages
Satisfy specifications
listed in paragraph 7-
2
over
operational
temperature range
Nozzle: Buffing Nozzle (With shock absorption
mechanism)
diameter (vacuum):
φ0.4 mm
Push quantity: +0.4 mm
Loading:13 N(max)
【Environmental Test】
No.
Items
Specifications
Test Methods
8
High Temp.
Exposure
No severe damages
Satisfy specifications
listed in paragraph 7-
2
over
operational
temperature range
Temperature
: 85±2 °C
Period
: 500+48/-0 h
Room Condition : 2 ~ 24 h
9
Temperature Cycle
Set the specimens to the supporting jig in the same
manner and under the same conditions as Fig.1 and
conduct the 100 cycles according to the temperatures
and time shown in the following table. Set it for 2 to 24
h at room temperature, then measure.
Step
Temp(°C)
Time(min)
1
Min. Operating
Temp.+0/-3
30±3
2
Max. Operating
Temp.+3/-0
30±3
10
Humidity (Steady State)
Temperature
: 40±2 °C
Humidity
: 80~90 %RH
Period
: 500±12 h
Room Condition : 2~24 h
11
Low Temp.
Exposure
Temperature
: -40±2 °C
Period
: 500+48/-0 h
Room Condition : 2~24 h
12
ESD
Machine Model
C:200pF
R:
0Ω
EST Voltage
:+/-200V
Number of electric discharges: 1
Applicable port : Port1-GND,Port2-GND
13
ESD
Human Body Model
C:100pF
R:150
0Ω
EST Voltage
:+/-400V
Number of electric discharges: 1
Applicable port : Port1-GND,Port2-GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com