Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M19X-LXRW-059 Datasheet(PDF) 14 Page - Murata Manufacturing Co., Ltd

Part # M19X-LXRW-059
Description  This device can carry out variable of the capacitor by adjusting the tuning voltage.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

M19X-LXRW-059 Datasheet(HTML) 14 Page - Murata Manufacturing Co., Ltd

Back Button M19X-LXRW-059 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Variable Capacitor LXRW0YV201-059
p14/18
14
September,2018
5) Leader and Tail tape
6) The tape for chips are wound clockwise, the feeding holes to the right side as the tape is pulled
toward the user.
7) Packaging unit
10,000pcs./ reel
8)Material : Base tape
...... Plastic
Reel and Cover tape
......Plastic
Base tape, Reel and Cover tape have an anti-ESD function.
9) Peeling of force : 0.1~1.0 N in the direction of peeling as shown below.
1
Chip
Tail tape
(No components)
Components
No components
Feeding direction
Leader tape
(Cover tape alone)
Over160mm
Over100mm
Over400mm
Base tape
0.1~1.0N
165 ~ 180 °
Cover tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com