Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M19X-LXRW-059 Datasheet(PDF) 15 Page - Murata Manufacturing Co., Ltd

Part # M19X-LXRW-059
Description  This device can carry out variable of the capacitor by adjusting the tuning voltage.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

M19X-LXRW-059 Datasheet(HTML) 15 Page - Murata Manufacturing Co., Ltd

Back Button M19X-LXRW-059 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Variable Capacitor LXRW0YV201-059
p15/18
15
September,2018
Notice
1. Storage Conditions:
・The product shall be stored without opening the packing under the ambient temperature from 5 to 35 deg.C
and humidity from 20~70%RH.
(Packing materials, in particular, may be deformed at the temperature over 40 deg.C.)
・The product left more than 6 months after reception, it needs to be confirmed the solderbility before used.
- The product shall be stored in non corrosive gas (Cl2, NH3, SO2, Nox, etc.).
- Any excess mechanical shock including, but not limited to, sticking the packing materials by sharp object
and dropping the product, shall not be applied in order not to damage the packing materials.
・After the packing opened, the product shall be stored at < 30 deg.C / < 60 %RH and the product shall be
used within 168 hours.
When the color of the indicator in the packing changed, the product shall be baked before
soldering.
This product is applicable to MSL3 (Based on IPC/JEDEC J-STD-020)
2. Handling Conditions:
Be careful in handling or transporting products because excessive stress or mechanical shock may break
products.
Handle with care if products may have cracks or damages on their terminals, the characteristics of products
may change.
Do not touch products with bear hands that may result in poor solderability.
3. Type of Applied Voltage and Self-heating Temperature:
Confirm the operating conditions to make sure that no large current is flowing into the variable capacitor
due to the continuous application of an AC voltage or pulse voltage.
When a DC rated voltage product is used in an AC voltage circuit or a pulse voltage circuit, the AC
current or pulse current will flow into the variable capacitor, therefore check the self-heating condition.
Please confirm the surface temperature of the variable capacitor so that the temperature remains within
the upper limits of the operating temperature, including the rise in temperature due to self-heating. When
the variable capacitor is used with a high-frequency voltage or pulse voltage, heat may be generated by
dielectric loss.
<Applicable to rated Voltage of less than 3.2VDC>
The load should be contained to the level such that when measuring at atmospheric temperature of 25deg
C, the product’s self-heating remains below 20deg C and the surface temperature of the variable
capacitor in the actual circuit remains within the maximum operating temperature.
4. Standard PCB Design (Land Pattern and Dimensions):
All the ground terminals should be connected to the ground patterns.
Furthermore, the ground pattern
should be provided between IN and OUT terminals.
Please refer to the specifications for the standard
land dimensions.
The recommended land pattern and dimensions is as Murata's standard.
The characteristics of products
may vary depending on the pattern drawing method, grounding method, land dimensions, land forming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com