Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M19X-LXRW-059 Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd

Part # M19X-LXRW-059
Description  This device can carry out variable of the capacitor by adjusting the tuning voltage.
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

M19X-LXRW-059 Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd

Back Button M19X-LXRW-059 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd M19X-LXRW-059 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Variable Capacitor LXRW0YV201-059
p16/18
16
September,2018
method of the NC terminals and the PCB material and thickness.
Therefore, be sure to verify the
characteristics in the actual set.
When using non-standard lands, contact Murata beforehand.
5. Notice for Chip Placer:
When placing products on the PCB, products may be stressed and broken by uneven forces from a worn-
out chucking locating claw or a suction nozzle.
To prevent products from damages, be sure to follow the
specifications for the maintenance of the chip placer being used. For the positioning of products on the PCB,
be aware that mechanical chucking may damage products.
6. Soldering Conditions:
Carefully perform preheating so that the temperature difference (
T) between the solder and products surface
should be in the following range.
When products are immersed in solvent after mounting, pay special
attention to maintain the temperature difference within 100 °C.
Soldering must be carried out by the above
mentioned conditions to prevent products from damage.
Contact Murata before use if concerning other
soldering conditions.
Atmosphere: N2
Use rosin type flux or weakly active flux with a chlorine content of 0.2 wt % or less
7.
Cleaning Conditions:
Any cleaning is not permitted.
60-120 sec

Temperature (°C)
Pre-heating
Time (s.)
217 °C
60-150 sec.
Cooling down
slowly
260 °C
Within 30 sec
MAX260 °C
150 °C
200 °C
Reflow soldering standard conditions(Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com