Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1107ACPZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADPA1107ACPZN-R7
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107ACPZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADPA1107ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADPA1107
Data Sheet
Rev. 0 | Page 4 of 20
TBASE = 25°C, VDD = 28 V, IDQ = 350 mA, pulse width = 100 µs, 10% duty cycle, and frequency range = 5.4 GHz to 6.0 GHz, unless
otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
5.4
6.0
GHz
GAIN
Small Signal Gain
27.0
29.5
dB
Gain Flatness
±0.5
dB
RETURN LOSS
Input
7.5
dB
Output
12.0
dB
POWER
POUT
PIN = 25.0 dBm
45.0
dBm
PIN = 27.0 dBm
43.0
45.0
dBm
Power Gain
PIN = 25.0 dBm
20.3
dB
PIN = 27.0 dBm
16.0
18.0
dB
PAE
PIN = 25.0 dBm
56.0
%
PIN = 27.0 dBm
56.5
%
IDQ
350
mA
Adjust the gate control voltage (VGG1) between −4 V and −2 V to achieve an
IDQ = 350 mA typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com