Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1107ACPZN-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPA1107ACPZN-R7
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107ACPZN-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPA1107ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADPA1107
Rev. 0 | Page 13 of 20
65
35
4.6
6.2
FREQUENCY (GHz)
4.8
5.0
5.2
5.4
5.6
5.8
6.0
40
45
50
55
60
PW = 1000µs, DUTY CYCLE = 10%
PW = 100µs, DUTY CYCLE = 5%
PW = 100µs, DUTY CYCLE = 2%
PW = 100µs, DUTY CYCLE = 40%
PW = 100µs, DUTY CYCLE = 20%
PW = 10µs, DUTY CYCLE = 10%
PW = 100µs, DUTY CYCLE = 10%
PW = 300µs, DUTY CYCLE = 10%
PW = 500µs, DUTY CYCLE = 10%
Figure 37. PAE vs. Frequency at
PIN = 27 dBm and Various Pulse Widths (PW) and Duty Cycles
4.6
6.2
FREQUENCY (GHz)
22
12
13
14
15
16
17
18
19
20
21
4.8
5.0
5.2
5.4
5.6
5.8
6.0
PW = 1000µs, DUTY CYCLE = 10%
PW = 100µs, DUTY CYCLE = 5%
PW = 100µs, DUTY CYCLE = 2%
PW = 100µs, DUTY CYCLE = 40%
PW = 100µs, DUTY CYCLE = 20%
PW = 10µs, DUTY CYCLE = 10%
PW = 100µs, DUTY CYCLE = 10%
PW = 300µs, DUTY CYCLE = 10%
PW = 500µs, DUTY CYCLE = 10%
Figure 38. Gain vs. Frequency at
PIN = 25 dBm and Various Pulse Widths (PW) and Duty Cycles
60
0
0
30
PIN (dBm)
5
10
15
20
25
30
35
40
45
50
55
2
4
6
8
10 12 14 16 18 20 22 24 26 28
2600
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
POUT
GAIN
PAE
IDD
Figure 39. POUT, Gain, PAE, and IDD vs. PIN at 4.8 GHz
4.6
6.2
FREQUENCY (GHz)
22
12
13
14
15
16
17
18
19
20
21
4.8
5.0
5.2
5.4
5.6
5.8
6.0
PW = 1000µs, DUTY CYCLE = 10%
PW = 100µs, DUTY CYCLE = 5%
PW = 100µs, DUTY CYCLE = 2%
PW = 100µs, DUTY CYCLE = 40%
PW = 100µs, DUTY CYCLE = 20%
PW = 10µs, DUTY CYCLE = 10%
PW = 100µs, DUTY CYCLE = 10%
PW = 300µs, DUTY CYCLE = 10%
PW = 500µs, DUTY CYCLE = 10%
Figure 40. Gain vs. Frequency at
PIN = 27 dBm and Various Pulse Widths (PW) and Duty Cycles
65
60
0
0
30
PIN (dBm)
5
10
15
20
25
30
35
40
45
50
55
2
4
6
8
10 12 14 16 18 20 22 24 26 28
2800
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
POUT
GAIN
PAE
IDD
Figure 41. POUT, Gain, PAE, and IDD vs. PIN at 5.4 GHz
60
0
0
30
PIN (dBm)
5
10
15
20
25
30
35
40
45
50
55
2
4
6
8
10 12 14 16 18 20 22 24 26 28
2600
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
POUT
GAIN
PAE
IDD
Figure 42. POUT, Gain, PAE, and IDD vs. PIN at 6.0 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com