Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1107ACPZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPA1107ACPZN-R7
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107ACPZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPA1107ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADPA1107
Rev. 0 | Page 11 of 20
65
35
4.6
6.2
FREQUENCY (GHz)
4.8
5.0
5.2
5.4
5.6
5.8
6.0
40
45
50
55
60
24V
28V
32V
Figure 25. PAE vs. Frequency at
Various Supply Voltages, PIN = 27 dBm, and IDQ = 350 mA
22
12
4.6
6.2
FREQUENCY (GHz)
4.8
5.0
5.2
5.4
5.6
5.8
6.0
13
14
15
16
17
18
19
20
21
24V
28V
32V
Figure 26. Gain vs. Frequency at
Various Supply Voltages, PIN = 25 dBm, and IDQ = 350 mA
47
41
4.6
6.2
FREQUENCY (GHz)
450mA
350mA
250mA
42
43
44
45
46
4.8
5.0
5.2
5.4
5.6
5.8
6.0
Figure 27. POUT vs. Frequency at
Various Quiescent Currents, PIN = 25 dBm, and VDD = 28 V
22
12
4.6
6.2
FREQUENCY (GHz)
4.8
5.0
5.2
5.4
5.6
5.8
6.0
13
14
15
16
17
18
19
20
21
24V
28V
32V
Figure 28. Gain vs. Frequency at
Various Supply Voltages, PIN = 27 dBm, and IDQ = 350 mA
47
41
4.6
6.2
FREQUENCY (GHz)
450mA
350mA
250mA
42
43
44
45
46
4.8
5.0
5.2
5.4
5.6
5.8
6.0
Figure 29. POUT vs. Frequency at
Various Quiescent Currents, PIN = 27 dBm, and VDD = 28 V
65
35
4.6
6.2
FREQUENCY (GHz)
4.8
5.0
5.2
5.4
5.6
5.8
6.0
40
45
50
55
60
450mA
350mA
250mA
Figure 30. PAE vs. Frequency at
Various Quiescent Currents, PIN = 25 dBm, and VDD = 28 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com