Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1107ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA1107ACPZN-R7
Description  45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1107ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADPA1107ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADPA1107ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
45.0 dBm (35 W), 4.8 GHz to 6.0 GHz,
GaN Power Amplifier
Data Sheet
ADPA1107
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
POUT with PIN = 27.0 dBm: 45.0 dBm typical at 5.4 GHz to 6.0 GHz
Small signal gain: 30.5 dB typical at 4.8 GHz to 5.4 GHz
Frequency range: 4.8 GHz to 6.0 GHz
PAE with PIN = 27.0 dBm: 56.5% typical at 5.4 GHz to 6.0 GHz
VDD: 28 V at IDQ = 350 mA with a 10% duty cycle
40-lead, 6 mm × 6 mm, LFCSP
APPLICATIONS
Weather radars
Marine radars
Military radars
FUNCTIONAL BLOCK DIAGRAM
GND
RFOUT
GND
ADPA1107
VREF
VDET
PACKAGE
BASE
GND
GND
RFIN
GND
Figure 1.
GENERAL DESCRIPTION
The ADPA1107 is a gallium nitride (GaN), broadband power
amplifier, delivering 45.0 dBm (35 W) with 56.5% typical power
added efficiency (PAE) across a bandwidth of 4.8 GHz to
6.0 GHz. The ADPA1107 provides ±0.5 dB gain flatness from
5.4 GHz to 6.0 GHz.
The ADPA1107 is ideal for pulsed applications such as radar,
public mobile radio, and general-purpose amplification.
The ADPA1107 is housed in a 40-lead, 6 mm × 6 mm, lead
frame chip scale package (LFCSP).


Similar Part No. - ADPA1107ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA1105 AD-ADPA1105 Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1105-EVALZ AD-ADPA1105-EVALZ Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1105ACGZN AD-ADPA1105ACGZN Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1105ACGZN-R7 AD-ADPA1105ACGZN-R7 Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
More results

Similar Description - ADPA1107ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2239 TRIQUINT-TGA2239_15 Datasheet
681Kb / 15P
13 15.5 GHz 35 W GaN Power Amplifier
TGA2622-CP TRIQUINT-TGA2622-CP_15 Datasheet
611Kb / 15P
9 to 10 GHz 35 W GaN Power Amplifier
logo
Analog Devices
ADPA1105 AD-ADPA1105 Datasheet
710Kb / 16P
46 dBm (40 W), 0.9 GHz to 1.6 GHz, GaN Power Amplifier
10/2020-Revision 0
logo
Qorvo, Inc
TGA2307 QORVO-TGA2307 Datasheet
567Kb / 16P
5.0 ??6.0 GHz 50 W GaN Power Amplifier
logo
Analog Devices
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
logo
Qorvo, Inc
TGA2576-2-FL QORVO-TGA2576-2-FL Datasheet
568Kb / 11P
2.5 ??6.0 GHz 40 W GaN Power Amplifier
September 2019
logo
Analog Devices
ADPA1122 AD-ADPA1122 Datasheet
880Kb / 17P
43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
Rev. 0
logo
WOLFSPEED, INC.
CMPA2060035D WOLFSPEED-CMPA2060035D Datasheet
400Kb / 8P
35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.1 April 2020
CMPA2060035F WOLFSPEED-CMPA2060035F Datasheet
1,021Kb / 10P
35 W, 2.0 - 6.0 GHz, GaN MMIC Power Amplifier
Rev. 1.0, 2022-8-26
CMPA2060035F1 WOLFSPEED-CMPA2060035F1 Datasheet
1Mb / 17P
35 W, 2.0 - 6.0 GHz, GaN MMIC, Power Amplifier
Rev 0.2 September 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com